Electronic Components Datasheet Search
  English  ▼

X  

BU2152FS Datasheet(PDF) 20 Page - Rohm

Part # BU2152FS
Description  Serial / Parallel 4-input Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 20 Page - Rohm

Back Button BU2152FS Datasheet HTML 16Page - Rohm BU2152FS Datasheet HTML 17Page - Rohm BU2152FS Datasheet HTML 18Page - Rohm BU2152FS Datasheet HTML 19Page - Rohm BU2152FS Datasheet HTML 20Page - Rohm BU2152FS Datasheet HTML 21Page - Rohm BU2152FS Datasheet HTML 22Page - Rohm BU2152FS Datasheet HTML 23Page - Rohm BU2152FS Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
20/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
【
BU2152FS】
●
Switching characteristics (Unless otherwise specified, VDD=2.7 to 5.5V, VSS=0V, Ta=25℃)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Maximum Clock Frequency
fMAX
5
-
-
MHz
Setup Time 1
tSU1
20
-
-
ns
DATA-CLK
Hold Time 1
tHD1
20
-
-
ns
CLK-DATA
Setup Time 2
tSU2
30
-
-
ns
STB-CLK
Hold Time 2
tHD2
30
-
-
ns
CLK-STB
Setup Time 3
tSU3
30
-
-
ns
CLB-CLK
Hold Time 3
tHD3
30
-
-
ns
CLK-CLB
Setup Time 4
tSU4
30
-
-
ns
STB-CLB
Hold Time 4
tHD4
30
-
-
ns
CLB-STB
Output Delay Time 1*
tPD1
-
-
100
ns
CLK-P1~P24
Output Delay Time 2*
tPD2
-
-
80
ns
STB-P1~P24
Output Delay Time 3*
tPD3.
-
-
80
ns
CLB-P1~P24
*50pF of load is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com