Electronic Components Datasheet Search
  English  ▼

X  

BU4030B Datasheet(PDF) 21 Page - Rohm

Part # BU4030B
Description  High Voltage CMOS Logic ICs Gate>
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4030B Datasheet(HTML) 21 Page - Rohm

Back Button BU4030B Datasheet HTML 14Page - Rohm BU4030B Datasheet HTML 15Page - Rohm BU4030B Datasheet HTML 16Page - Rohm BU4030B Datasheet HTML 17Page - Rohm BU4030B Datasheet HTML 18Page - Rohm BU4030B Datasheet HTML 19Page - Rohm BU4030B Datasheet HTML 20Page - Rohm BU4030B Datasheet HTML 21Page - Rohm BU4030B Datasheet HTML 22Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
21 / 21
6
(Unit : mm)
DIP14
19.4
±0.3
2.54
0.5
±0.1
0
°−15°
7.62
0.3
±0.1
17
14
8
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
1000pcs
Direction of products is fixed in a container tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com