Electronic Components Datasheet Search
  English  ▼

X  

LMH6624 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6624
Description  ULTRA LOW NOISE WIDEBAND OP AMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6624 Datasheet HTML 1Page - National Semiconductor (TI) LMH6624 Datasheet HTML 2Page - National Semiconductor (TI) LMH6624 Datasheet HTML 3Page - National Semiconductor (TI) LMH6624 Datasheet HTML 4Page - National Semiconductor (TI) LMH6624 Datasheet HTML 5Page - National Semiconductor (TI) LMH6624 Datasheet HTML 6Page - National Semiconductor (TI) LMH6624 Datasheet HTML 7Page - National Semiconductor (TI) LMH6624 Datasheet HTML 8Page - National Semiconductor (TI) LMH6624 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNLMH6624-X REV 1A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vs)
+6 Vdc
Common Mode Input Voltage (Vcm)
V+ - V-
Differential Input Voltage (Vin)
+1.2V
Maximum Power Dissipation (Pd)
(Note 2)
1.0W
Lead Temperature
+300 C
(Soldering, 10 seconds)
Junction Temperature (Tj)
+175 C
Storage Temperature Range
-65 C < Ta < +150 C
Thermal Resistance
ThetaJa
Junction-to-ambient
CERAMIC DIP
130 C/W
(Still Air Flow)
70 C/W
(500LF/Min Air Flow)
CERAMIC SOIC
180 C/W
(Still Air Flow)
115 C/W
(500LF/Min Air Flow)
ThetaJC
17 C/W
CERAMIC DIP
20 C/W
CERAMIC SOIC
Package Weight
(Typical)
1090mg
CERAMIC DIP
220mg
CERAMIC SOIC
ESD Tolerance
(Note 3)
2000 V
ESD Rating
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Operating Ratings are conditions for which the device is functional, but do not
guarantee specific performance limits.
For guaranteed specifications and test
conditions see the Electrical Characteristics.
The guaranteed specifications apply
only for the test conditions listed.
Some performance characteristics may degrade
when the device is not operated within the listed test conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature).
The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA) / ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
Human body model, 100 pF discharged through 1.5K Ohms.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com