Electronic Components Datasheet Search
  English  ▼

X  

LMH6624A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6624A
Description  ULTRA LOW NOISE WIDEBAND OP AMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6624A Datasheet HTML 1Page - National Semiconductor (TI) LMH6624A Datasheet HTML 2Page - National Semiconductor (TI) LMH6624A Datasheet HTML 3Page - National Semiconductor (TI) LMH6624A Datasheet HTML 4Page - National Semiconductor (TI) LMH6624A Datasheet HTML 5Page - National Semiconductor (TI) LMH6624A Datasheet HTML 6Page - National Semiconductor (TI) LMH6624A Datasheet HTML 7Page - National Semiconductor (TI) LMH6624A Datasheet HTML 8Page - National Semiconductor (TI) LMH6624A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNLMH6624-X REV 1A0
Features
- 1.5GHz gain-bandwidth product
- 0,92nV/SqRtHz input voltage noise
- 800uV input offset voltage
- 350V/us slew rate
- 400V/us slew rate (Av = 10)
- -65dBc HD2 @ f = 10MHZ, Rl = 100 Ohms
- -80dBc HD3 @ f = 10MHZ, Rl = 100 Ohms
- +2.5V to +6V Supply voltage range (dual supply)
- +5V to +12V Supply voltage range (single supply)
- Improved replacement for the CLC425
CONTROLLING DOCUMENT:
LMH6624J-QML
5962-0254401QPA
LMH6624J-QMLV
5962-0254401VPA
LMH6624WG-QML
5962-0254401QZA
LMH6624WG-QMLV
5962-0254401VZA
Applications
- Instrumentation sense amplifiers
- Ultrasound pre-amps
- Magnetic tape & disk pre-amps
- Wide band active filters
- Professional audio systems
- Opto-electronics
- Medical diagnostic systems
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com