Electronic Components Datasheet Search
  English  ▼

X  

BU9253AS Datasheet(PDF) 13 Page - Rohm

Part # BU9253AS
Description  Karaoke/Surround Digital Echo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9253AS Datasheet(HTML) 13 Page - Rohm

Back Button BU9253AS Datasheet HTML 9Page - Rohm BU9253AS Datasheet HTML 10Page - Rohm BU9253AS Datasheet HTML 11Page - Rohm BU9253AS Datasheet HTML 12Page - Rohm BU9253AS Datasheet HTML 13Page - Rohm BU9253AS Datasheet HTML 14Page - Rohm BU9253AS Datasheet HTML 15Page - Rohm BU9253AS Datasheet HTML 16Page - Rohm BU9253AS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/16
・LPF and echo system gain
When the ratio of original signal and echo is changed, R5, R6, R9, R11 are also changed, and the characteristics of LPF
change too. Therefore, it is necessary to change all the constants of LPF. In the case, to precisely measure the ratio of
original signal and echo, remove R7, input signal around 500Hz without the influence of LPF from MIX IN, and compare
it with the output of DALPF OUT.
・Clock oscillation
As for C,R, tolerance should be below 5%. Note: If measurement is made by attachment a probe oscilloscope it might
load the oscillator and reduce the oscillation frequency.
* The set values in this document are for reference only. In the actual set, characteristics may change according to board
layout, wiring, types of parts used, and therefore, in actual use, carry out sufficient verification with the actual devices.
IN
OUT
R4
R11
C4
C8
R6
R10
R5
R9
C5
C7
-
+
9
R
5
R
11
R
4
R
2
A
1
A
9
R
11
R
2
A
5
R
4
R
1
A
0.7
Q
4
C
5
R
4
R
5
C
6
R
5
R
4
R
5
R
4
R
1
Q
5
R
4
R
5
C
4
C
2
1
fc
×
×
=
×
=
=
=
+
=
π
=
エコ-信号増幅率
ぐらい
は一般的に
Fig.35 LPF and echo system gain
Q generally about 0.7
Echo signal amplitude ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com