Electronic Components Datasheet Search
  English  ▼

X  

BU9253FS Datasheet(PDF) 4 Page - Rohm

Part # BU9253FS
Description  Karaoke/Surround Digital Echo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9253FS Datasheet(HTML) 4 Page - Rohm

  BU9253FS Datasheet HTML 1Page - Rohm BU9253FS Datasheet HTML 2Page - Rohm BU9253FS Datasheet HTML 3Page - Rohm BU9253FS Datasheet HTML 4Page - Rohm BU9253FS Datasheet HTML 5Page - Rohm BU9253FS Datasheet HTML 6Page - Rohm BU9253FS Datasheet HTML 7Page - Rohm BU9253FS Datasheet HTML 8Page - Rohm BU9253FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
BU9262AFS>
(Ta = 25℃, VCC = 5V, VIN = 200mVrms, fin = 1kHz, fC = 2MHz, Rg = 600Ω, unless otherwise specified.)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Circuit current
ICC
20
40
mA
No signal input
[Digital delay]
Input/Output Gain
AV1
-3
0
3
dB
THD1
0.6
1.2
%
tDL = ~48ms、30kHz LPF
THD2
1.0
2.0
%
tDL = 96ms、30kHz LPF
THD3
1.2
2.4
%
tDL = 144ms、30kHz LPF
Output distortion
THD4
1.5
3.0
%
tDL = 192ms、30kHz LPF
VNO1
-90
-75
dBV
tDL = ~48ms、DIN-AUDIO
VNO2
-87
-72
dBV
tDL = 96ms、DIN-AUDIO
VNO3
-85
-70
dBV
tDL = 144ms、DIN-AUDIO
Output noise voltage
VNO4
-83
-68
dBV
tDL = 192ms、DIN-AUDIO
Maximum output voltage
VMX1
0.7
1.0
Vrms
THD = 10%、30kHz LPF
[Delay volume “DSIG output”]
Input//Output Gain
AV5
0
3
6
dB
DLYVOL = MAX.
Output distortion
THD5
0.17
0.34
%
30kHz LPF
Output noise voltage
VNO5
-100
-90
dBV
DELAY OFF、DIN-AUDIO
Maximum output voltage
VMX5
1.1
1.4
Vrms
THD = 10%、30kHz LPF
Maximum attenuation
ATT5
-90
-60
dB
DLYVOL = MIN. DIN-AUDIO
[Feedback volume]
Input/Output Gain
AV6
-6
-3
0
dB
FBVOL = MAX.
Maximum attenuation
ATT6
-90
-60
dB
FBVOL = MIN. DIN-AUDIO
[Line amplifier]
Input/Output Gain
AV7
-3
0
3
dB
Output distortion
THD6
0.01
0.03
%
30kHz LPF
Output noise voltage
VNO6
-100
-90
dBV
DELAY OFF、DIN-AUDIO
Maximum output voltage
VMX6
1.2
1.8
Vrms
THD = 10%、30kHz LPF
Channel separation
AVCS
-90
-65
dB
f = 400Hz、DIN-AUDIO
Input impedance
ZI
24
35
[Digital unit]
Input“H”voltage
VIH
3.8
V
Input“L”voltage
VIL
1.2
V
Pull-up resistance
Rd
12
25
50
[Serial data]
Clock width
twCK
2.0
us
Latch width
twLT
2.0
us
Data setup
tdsu
1.0
us
Data hold
th
1.0
us
Latch setup
tlsu
1.0
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com