Electronic Components Datasheet Search
  English  ▼

X  

1SS355 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1SS355
Description  FAST SWITCHING DIODE VOLTAGE 80 Volts CURRENT 150 mAmperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS355 Datasheet(HTML) 1 Page - Rectron Semiconductor

  1SS355 Datasheet HTML 1Page - Rectron Semiconductor 1SS355 Datasheet HTML 2Page - Rectron Semiconductor 1SS355 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST SWITCHING DIODE
VOLTAGE 80 Volts CURRENT 150 mAmperes
FEATURES
* Flat Lead SOD-323 Small Outline Plastic Package
* Surface Device Type Mounting
* Fast Switching Device (Trr<4.0nS)
* Moisture Sensitivity Level 1
* General Purpose Diodes
* Clip Bonding Construction,Good Thermal Capability
* Pb Free Version and ROHS Compliant
* Matte Tin(Sn) Lead Finish with Nicke(Ni) Underplate
* Band Indicates Cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1SS355
SOD-323
Absolute Maximum Ratings (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
VB 2007-9
RATINGS
Reverse Voltage
Repetitive Peak Forward Current
Power Dissipation
Storage Temperature Range
These ratings are limiting values above which the serviceability of the diode may be impaired.
SYMBOL
1SS355
VR
VRM
TSTG
Volts
Continuous Forward Current
IO
IFM
IFRM
PD
mAmps
150
0.5
200
-65 to + 150
Amps
Forward Current
0.25
Amps
mW
Capacitance (VR=0.5V,f=1MHz)
C
4
pF
Reverse Recovery Time (IF=10mA,VR=6V,RL=100W)
Trr
4
nS
OC
Operating Junction Temperature
TJ
+150
OC
UNITS
80
Volts
90
Repetitive Peak Reverse Voltage
CHARACTERISTICS
Reverse Leakage Current
VF
SYMBOL
IR
UNITS
Forward Voltage
Volts
Volts
@VR=80V
@IF=100mA
1.2
Min.
Max.
100
nAmps
Breakdown Voltage
VR
@IR=100uA
80
1SS355
.106 (2.7)
.091 (2.3)
.016 (0.40)
.010 (0.25)
.043 (1.10)
.031 (0.80)
.053 (1.35)
.045 (1.15)
.010 (0.25)
.002 (0.05)
.071 (1.8)
.063 (1.6)


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS16DPT CHENMKO-BAS16DPT Datasheet
75Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAS16VTWPT CHENMKO-BAS16VTWPT Datasheet
79Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAS70APT CHENMKO-BAS70APT Datasheet
348Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70WAPT CHENMKO-BAS70WAPT Datasheet
213Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAT54TCPT CHENMKO-BAT54TCPT Datasheet
230Kb / 2P
SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 200 mAmperes
BAV16BPT CHENMKO-BAV16BPT Datasheet
109Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAV70BPT CHENMKO-BAV70BPT Datasheet
110Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 100 Volts CURRENT 150 mAmpere
BAV70DPT CHENMKO-BAV70DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAW56DPT CHENMKO-BAW56DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
logo
Micro Commercial Compon...
1N4148WLP MCC-1N4148WLP_17 Datasheet
407Kb / 3P
150 mA Switching Diode 80 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com