Electronic Components Datasheet Search
  English  ▼

X  

2SA812 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SA812
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SA812 Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SA812 Datasheet HTML 1Page - Rectron Semiconductor 2SA812 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
MECHANICAL DATA
Case: Molded plastic
*
Epoxy: UL 94V-O rate flame retardant
*
Lead: MIL-STD-202E method 208C guaranteed
*
Mounting position: Any
*
Weight: 0.008 gram
SOT-23
2SA812
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
CLASSIFICATION OF hFE
Marking
M4
90-180
M5
135-270
200-400
M6
M7
300-600
Collector - Base Breakdown Voltage(IC= -100 mA, IE=0)
Collector - Emitter Breakdown Voltage(IC= -1mA, IB=0)
Emitter - Base Breakdown Voltage(IE= -100 mA, IC=0)
SYMBOL
MAX
MIN
TYP
-60
-50
-5
-
-
-0.68
MHZ
600
-0.1
-0.1
90
180
V(BR)CBO
V(BR)CEO
VBE
V(BR)EBO
UNITS
V
V
V
V
V
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
Dimensions in inches and (millimeters)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
1
3
BASE
EMITTER
COLLECTOR
2
1
3
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0.047(1.20)
0.055(1.40)
ICBO
hFE
m
A
m
A
Collector Cut - Off Current (VCB= -60V, IE=0)
Emitter Cut - Off Current(VEB= -5V, IC=0)
DC Current Gain(VCE= -6V, IC= -1mA)
Collector - Emitter Saturation Voltage(IC=-100 mA, IB= -10mA)
Base - Emitter Voltage(IC=-1mA, VCE= -6mA)
Tiansition Frequency(VCE= -6V, IC= -10mA)
IEBO
Range
CHARACTERISTICS
* Power dissipation
PCM :
0.2
W(Tamb=25OC)
* Collector current
ICM :
-0.1
A
* Collector-base voltage
V(BR)CBO :
-60
V
* Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
VCE(sat)
fT
-
-
-
-0.3
-
-
-
-
-
-
-
-
-
-
-
-
-


Similar Part No. - 2SA812

ManufacturerPart #DatasheetDescription
logo
NEC
2SA812 NEC-2SA812 Datasheet
241Kb / 4P
AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
TRANSYS Electronics Lim...
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SA812 BILIN-2SA812 Datasheet
253Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SA812 KEXIN-2SA812 Datasheet
123Kb / 2P
PNP Silicon Epitaxial Transistor
logo
Dc Components
2SA812 DCCOM-2SA812 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SA812

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com