Electronic Components Datasheet Search
  English  ▼

X  

2SA1179 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SA1179
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SA1179 Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SA1179 Datasheet HTML 1Page - Rectron Semiconductor 2SA1179 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
*
High breakdown voltage
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
* Marking: M
SOT-23
2SA1179
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
MAXIMUM RATINGS ( @ TA = 25oC unless otherwise noted )
CHARACTERISTICS
SYMBOL
UNITS
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
SYMBOL
VCBO
VCEO
VCEO
V(BR)CBO
ICBO
IEBO
VALUE
MAX.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
TYP.
-55
-50
-5
-0.1
-0.1
400
-0.5
-1.0
200
180
4
MIN.
UNITS
V
V
V
-55
-50
-5
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
Dimensions in inches and (millimeters)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
1
3
BASE
EMITTER
COLLECTOR
2
1
3
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0.047(1.20)
0.055(1.40)
IC
TJ,Tstg
-150
200
-55-125
m
A
m
w
oC
Collector Current-Continuous
Total Device Dissipation
Junction and Storage Temperature
PD
Collector-base breakdowm voltage (IC= -10mA, IE= 0)
Collector-emitter breakdowm voltage (IC= -1mA, IB= 0)
Emitter-base breakdowm voltage (IE= -10mA, IC= 0)
Collector cut-off current (VCB= -35V, IE= 0)
Emitter cut-off current (VEB= -4V, IC= 0)
DC current gain (VCE= -6V, IC= -1mA)
Collector-emitter saturation voltage (IC= -50mA, IB= -5mA)
Base-emitter saturation voltage (IC= -50mA, IB= -5mA)
Transition frequency
Collector output capacitance (VCB= -6V, IE= 0, f=1MHZ)
V(BR)CEO
V(BR)EBO
hFE
VCE(sat)
VBE(sat)
fT
Cob
V
V
V
V
V
u
A
u
A
MHZ
p
F
These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
CHARACTERISTICS
(VCE= -6V, IC= -10mA)


Similar Part No. - 2SA1179

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1179 JIANGSU-2SA1179 Datasheet
58Kb / 1P
TRANSISTOR (PNP)
logo
Sanyo Semicon Device
2SA1179 SANYO-2SA1179 Datasheet
169Kb / 4P
2SA1179 PNP/NPN Transistor
logo
Galaxy Semi-Conductor H...
2SA1179 BILIN-2SA1179 Datasheet
159Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
SeCoS Halbleitertechnol...
2SA1179 SECOS-2SA1179 Datasheet
185Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
More results

Similar Description - 2SA1179

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com