Electronic Components Datasheet Search
  English  ▼

X  

B0540W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # B0540W
Description  SCHOTTKY RECTIFIER VOLTAGE 40 Volts CURRENT 500 mAmpers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

B0540W Datasheet(HTML) 1 Page - Rectron Semiconductor

  B0540W Datasheet HTML 1Page - Rectron Semiconductor B0540W Datasheet HTML 2Page - Rectron Semiconductor B0540W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY RECTIFIER
VOLTAGE 40 Volts CURRENT 500 mAmpers
FEATURES
* Low Forward Voltage Drop
* Guard Ring Construction for Transient Protection
* High Conductance
* Also Available in Lead Free Version
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
B0540W
SOD-123
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
2007-1
RATINGS
Maximum DC Blocking Voltage
RMS Reverse Voltage
Peak Forward Surge Current
Power Dissipation
Storage Temperature Range
SYMBOL
B0540W
B0540W
VR(RMS)
IFSM
PD
TSTG
VR
Volts
Average Forward Rectified Current (At rated VR,TL=115OC)
IO
mAmps
500
5.5
410
Capacitance between terminals (VR=1V, f= 1MHz)
CT
-65 to + 150
Amps
mW
pF
Reverse Recovery Time (IF=IR=10mA, Irr=0.1XIR, RL=100Ω)
Trr
170
4
nS
OC
Voltage Rate of Change
dv / dt
1000
V/uS
UNITS
Typical Thermal Resistance
R
θJA
244
OC/W
Maximum Working Peak reverse Voltage
VRWM
Volts
Maximum Repetitive Peak Reverse Voltage
VRRM
40
28
CHARACTERISTICS
Maximum Instantaneous Reverse Current
VF
SYMBOL
I
V(BR)R
R
UNITS
Maximum Instantaneous Forward Voltage
Minimum Reverse Breakdown Voltage
Volts
Volts
@VR=20V
@VR=40V
@IR=20uA
40
10
20
@IF=0.5A
@IF=1A
0.510
0.62
uAmps
.018(0.45)
.009(0.25)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(.10)
.000(.00)


Similar Part No. - B0540W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0540W DIODES-B0540W Datasheet
62Kb / 2P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30138 Rev. 2 - 2
logo
Jiangsu Changjiang Elec...
B0540W JIANGSU-B0540W Datasheet
198Kb / 3P
SCHOTTKY RECTIFIER
logo
Weitron Technology
B0540W WEITRON-B0540W Datasheet
192Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
B0540W DIODES-B0540W Datasheet
178Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30138 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
B0540W TSC-B0540W Datasheet
566Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B0540W

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH340RDWPT CHENMKO-CH340RDWPT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 350 mAmpere
CH340SDWPT CHENMKO-CH340SDWPT Datasheet
428Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 350 mAmpere
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
BO540W RECTRON-BO540W Datasheet
218Kb / 3P
SCHOTTKY RECTIFIER VOLTAGE 40 Volts CURRENT 500 mAmpers
SPK2440 RECTRON-SPK2440 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 24 Amperes
SPK2540 RECTRON-SPK2540 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 25 Amperes
KSLDB340S RECTRON-KSLDB340S Datasheet
203Kb / 8P
VOLTAGE 40 Volts CURRENT 3.0 Ampere SCHOTTKY BARRIER RECTIFIER
2018-09 REV:B
SR2540S RECTRON-SR2540S Datasheet
259Kb / 4P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 40 Volts CURRENT 25 Amperes
2022-04 REV:A
SR40100C RECTRON-SR40100C Datasheet
371Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 40 Amperes
2022-04/50 REV:C
SR40100CS RECTRON-SR40100CS Datasheet
192Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 40 Amperes
2022-04/50 REV:A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com