Electronic Components Datasheet Search
  English  ▼

X  

BA157 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BA157
Description  FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BA157 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BA157 Datasheet HTML 1Page - Rectron Semiconductor BA157 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
BA157
THRU
BA159
DO-41
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2002-3
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to + 150
Amps
pF
0 C
600
420
600
1000
700
1000
UNITS
BA158
BA159
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle
Average, .375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.3
5.0
100
250
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
BA158
BA159
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
BA157
400
280
400
BA157


Similar Part No. - BA157

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA157 TRSYS-BA157 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA157 SEMTECH-BA157 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA157

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
FFM10W RECTRON-FFM10W Datasheet
22Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL101F RECTRON-RL101F Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
BA157 DAESAN-BA157 Datasheet
334Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
BA157G DAESAN-BA157G Datasheet
322Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
logo
Chenmko Enterprise Co. ...
1N4942GPT CHENMKO-1N4942GPT Datasheet
80Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
BA157PT CHENMKO-BA157PT Datasheet
85Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com