Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS70
Description  SOT-23 SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS70 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS70 Datasheet HTML 1Page - Rectron Semiconductor BAS70 Datasheet HTML 2Page - Rectron Semiconductor BAS70 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
*
1
2
3
Low Turn-on voltage
* Fast switching
* Ultra-small surface mount package
* Also available in lead free version
* Marking BAS70 = 73
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
Pin Configuration
1 = ANODE
2 = NC
3 = CATHODE
SOT-23
BAS70
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
R a tings a t 25
O C ambient temperature unles s otherwis e s pecified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
VD 2010-01
REV : O
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted )
Reverse voltage leakage current
Forward voltage
IF=15mA
IF=10mA
Diode capacitance (VR=0,f=1MHz)
CHARACTERISTICS
SYMBOL
UNITS
10
0.1
410
750
2
uA
mV
pF
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Continuous Reverse Voltage
Continuous Forward Current
Repetitive Peak Voltage Tp < 1s ; δ < 0.5
SYMBOL
VR
IF
IFRM
IR
VF
CD
BAS70
MAX.
-
-
-
TYP.
-
-
-
-
1000
-
-
-
-
-
MIN.
UNITS
70
mA
mA
V
70
70
Non Repetitive Peak Forward Current tp = 10 ms
Jumtion Temperature Range
Storage Temperature Range
IFSM
TJ
Tamb
mA
100
150
-65 to +150
oC
oC
Storage Temperature
TSTG
-65 to +150
oC
0.055(1.40)
0.047(1.20)
Note 1: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
K/W
500
VR=70V
VR=50V
IF=1mA


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT54 RECTRON-BAT54_06 Datasheet
112Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS40C RECTRON-BAS40C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
BAT54A RECTRON-BAT54A_07 Datasheet
112Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS40A RECTRON-BAS40A Datasheet
115Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS40S RECTRON-BAS40S Datasheet
115Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS70A RECTRON-BAS70A Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS70C RECTRON-BAS70C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS70S RECTRON-BAS70S Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
BZX84C3V0-C47 GSME-BZX84C3V0-C47 Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com