Electronic Components Datasheet Search
  English  ▼

X  

BAT42 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT42
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT42 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT42 Datasheet HTML 1Page - Rectron Semiconductor BAT42 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
SILICON PLANAR SCHOTTKY DIODES
FEATURES
* Fast Switching Device(TRR<4.0nS)
* DO-35 Package (JEDEC)
*
*
*
*
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads
are readily solderable
Dimensions in inches and (millimeters)
MAX.
.165 (4.2)
1.02 (26.0)
MIN.
1.02 (26.0)
MIN.
.079 (2.0)
MAX.
DIA.
.022 (0.56)
.018 (0.46)
DIA.
RATINGS
Maximum Forward Comtinuous Current @ TA=25OC
Maximum Forward Comtinuous Reverse Voltage
Surge Forward Current @ tp<10ms
Maximum Power Dissipation @ TA=65OC
Storage Temperature Range
Junction Temperature
SYMBOL
BAT42
mAmps
V
200
30
Maximum Peak Forward Current @tp<1s,d<0.5
mAmps
500
4
200
-65 to + 150
125
Amps
mW
O
C
O
C
UNITS
IF
VR
IFRM
IFSM
PD
TSTG
TJ
DO-35
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Reverse voltage leakage current (VR=25V,TJ=25OC)
(VR=25V,TJ=100OC)
Forward voltage Pulse Tesx tp<300ms,d<2% (IF=50mA)
(IF=10mA)
(IF=200mA)
Diode capacitance (VR=1,f=1MHz)
Reveres recovery time (IF=IR=10mA,IRR=1mA,RL=100W)
CHARACTERISTICS
SYMBOL
UNITS
-
0.5
100
0.65
0.40
1.0
-
-
-
-
5
m
A
V
V
pF
nS
Reverse breakdown voltage (IR=100mA)
V(BR)R
IR
VF
CD
trr
MAX.
-
-
-
7.0
-
TYP.
30
-
-
-
-
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - BAT42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
General Semiconductor
BAT42 GE-BAT42 Datasheet
42Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT42 BILIN-BAT42 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT42 GOOD-ARK-BAT42 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT42

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BAT64 CDIL-BAT64 Datasheet
139Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
logo
Continental Device Indi...
BAT54A CDIL-BAT54A Datasheet
141Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT54 CDIL-BAT54 Datasheet
133Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
BAT42W CDIL-BAT42W Datasheet
300Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT42 CDIL-BAT42 Datasheet
91Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com