Electronic Components Datasheet Search
  English  ▼

X  

BAT43W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT43W
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT43W Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT43W Datasheet HTML 1Page - Rectron Semiconductor BAT43W Datasheet HTML 2Page - Rectron Semiconductor BAT43W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 30 Volts
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
* Fast Switching Time
Low Forward Voltage Drop
* Surface Mount Package Ideally Suited for Automatic
Insertion
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAT43W
SOD-123
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
2006-5
RATINGS
Reverse Breakdown Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current @t<1.0s
Peak Forward Surge Current @<10ms
Maximum Power Dissipation
Operating and Storage Temperature Range
SYMBOL
BAT43W
BAT43W
Volts
Volts
mAmps
mAmps
200
500
4.0
200
10
-55 to + 125
Amps
mW
pF
5
nS
OC
UNITS
Typical Thermal Resistance
500
K/W
30
Maximum Working Peak reverse Voltage
Volts
30
Maximum Repetitive Peak Reverse Voltage
21
CHARACTERISTICS
Maximum Instantaneous Reverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@VR=25V
@IF=2mA
@IF=15mA
0.5
µAmps
REF .020(0.50)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(.10)
.000(.00)
V(BR)R
VRMS
IFM
IFSM
IFRM
PD
TSTG
VR
CT
Trr
RθJA
VRWM
VRRM
Typical Junction Capacitance(VR=1.0V,f=1.0MHz)
Typical Reverse Recovery Time(IF=IR=10mA,Irr=0.1XIR,RL=100Ω)
0.33
0.45


Similar Part No. - BAT43W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
BAT43W DIODES-BAT43W Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 5 - 2
logo
General Semiconductor
BAT43W GE-BAT43W Datasheet
39Kb / 2P
Schottky Diodes
logo
Jiangsu Changjiang Elec...
BAT43W JIANGSU-BAT43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Vishay Siliconix
BAT43W VISHAY-BAT43W Datasheet
36Kb / 2P
Schottky Diodes
5-Feb-02
More results

Similar Description - BAT43W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT42W RECTRON-BAT42W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT42WS RECTRON-BAT42WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43WS RECTRON-BAT43WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
RB551V-30 RECTRON-RB551V-30 Datasheet
144Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts CURRENT 500 mAmperes
SD101AW RECTRON-SD101AW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 60 Volts
SD101BW RECTRON-SD101BW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 50 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103BW RECTRON-SD103BW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD106WS RECTRON-SD106WS Datasheet
55Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD107WS RECTRON-SD107WS Datasheet
42Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com