Electronic Components Datasheet Search
  English  ▼

X  

DTC114TKA Datasheet(PDF) 2 Page - Rohm

Part # DTC114TKA
Description  100mA / 50V Digital transistors (with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114TKA Datasheet(HTML) 2 Page - Rohm

  DTC114TKA Datasheet HTML 1Page - Rohm DTC114TKA Datasheet HTML 2Page - Rohm DTC114TKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.C
Data Sheet
DTC114TM / DTC114TE / DTC114TUA / DTC114TKA
z Packaging specifications
DTC114TE
DTC114TM
Part No.
DTC114TUA
DTC114TKA
Package
Package type
TL
EMT3
3000
−
−
−
Taping
T2L
−
−
−
VMT3
8000
Taping
UMT3
T106
3000
−
−
−
Taping
SMT3
T146
3000
−
−
−
Taping
Code
Basic ordering
unit (pieces)
z
z Absolute maximum ratings (Ta=25qC)
Parameter
Symbol
VCBO
50
50
5
100
150
200
150
−55 to +150
DTA114TE
DTA114TM
DTA114TUA DTA114TKA
V
VCEO
VEBO
V
V
mA
mW
°C
°C
IC
PC
Tj
Tstg
Unit
Limits
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
z
z Electrical characteristics (Ta=25qC)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
R1
fT
Min.
50
50
5
−
−
100
−
7
−
−
−
−
−
−
250
−
10
250
−
VIC
=50μA
IC
=1mA
IE
=50μA
VCB
=50V
VEB
=4V
VCE
=5V, IC=1mA
IC/IB
=10mA/1mA
VCE
=10V, IE=−5mA, f=100MHz
∗
V
V
μA
μA
−
V
k
Ω
MHz
Typ.
−
−
−
0.5
0.5
600
0.3
13
−
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Input resistance
Transition frequency
∗ Characteristics of built-in transistor
z
z Electrical characteristic curves
COLLECTOR CURRENT : IC
(A)
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VCE
=5V
Ta
=100°C
25
°C
−40°C
Fig.1 DC current gain vs. collector
current
COLLECTOR CURRENT : IC
(A)
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lC/lB
=10
Ta
=100°C
25
°C
−40°C
Fig.2 Collector-emitter saturation
voltage vs. collector current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com