Electronic Components Datasheet Search
  English  ▼

X  

DF06S-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # DF06S-T3
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF06S-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  DF06S-T3 Datasheet HTML 1Page - Won-Top Electronics DF06S-T3 Datasheet HTML 2Page - Won-Top Electronics DF06S-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DF005S – DF10S
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
DF005S-T3
DIL Bridge SMD
1500/Tape & Reel
DF005S
DIL Bridge SMD
50 Units/Tube
DF01S-T3
DIL Bridge SMD
1500/Tape & Reel
DF01S
DIL Bridge SMD
50 Units/Tube
DF02S-T3
DIL Bridge SMD
1500/Tape & Reel
DF02S
DIL Bridge SMD
50 Units/Tube
DF04S-T3
DIL Bridge SMD
1500/Tape & Reel
DF04S
DIL Bridge SMD
50 Units/Tube
DF06S-T3
DIL Bridge SMD
1500/Tape & Reel
DF06S
DIL Bridge SMD
50 Units/Tube
DF08S-T3
DIL Bridge SMD
1500/Tape & Reel
DF08S
DIL Bridge SMD
50 Units/Tube
DF10S-T3
DIL Bridge SMD
1500/Tape & Reel
DF10S
DIL Bridge SMD
50 Units/Tube
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.06 MIN
(1.52 MIN)
0.404 MAX
(10.26 MAX)
0.047 MIN
(1.20 MIN)
0.205(5.2)
0.195(5.0)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com