Electronic Components Datasheet Search
  English  ▼

X  

EMD4 Datasheet(PDF) 2 Page - Rohm

Part # EMD4
Description  General purpose (dual digital transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD4 Datasheet(HTML) 2 Page - Rohm

  EMD4 Datasheet HTML 1Page - Rohm EMD4 Datasheet HTML 2Page - Rohm EMD4 Datasheet HTML 3Page - Rohm EMD4 Datasheet HTML 4Page - Rohm EMD4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMD4 / UMD4N
Transistors
Rev.B
2/4
Absolute maximum ratings (Ta = 25
°C)
Limits
DTr1(DTC144E)
DTr2(DTA114Y)
Parameter
Symbol
VCC
−50
−40 to +6
−70
−100
50
−10 to +40
30
100
120(1ELEMENT)
150(TOTAL)
V
V
mA
mW
VIN
IO
IC(Max.)
Pd
150
−55 to +150
°C
°C
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta = 25
°C)
DTr 1
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−
3
−
−
−
32.9
68
0.8
−
−
−
0.1
−
−
47
−
1
250
0.5
−
0.3
0.18
0.5
61.1
−
1.2
−
V
VCC
=5V, IO=100µA
VO
=0.3V, IO=2mA
IO/II
=10mA/0.5mA
VI
=5V
VCC
=50V, VI=0V
VO
=5V, IO=5mA
VCE
=10V, IE=−5mA, f=100MHz
∗
V
mA
µA
k
Ω
−
−−
−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device
DTr 2
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−
−1.4
−
−
−
7
68
3.7
−
−
−
−0.1
−
−
10
−
4.7
250
−0.3
−
−0.3
−0.88
−0.5
13
−
5.7
−
V
VCC
= −5V, IO= −100µA
VO
= −0.3V, IO= −1mA
IO/II
= −5mA / −0.25mA
VI
= −5V
VCC
= −50V, VI=0V
VO
= −5V, IO= −5mA
VCE
= −10V, IE=5mA, f=100MHz
∗
V
mA
µA
k
Ω
−
−−
−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com