Electronic Components Datasheet Search
  English  ▼

X  

EMD22 Datasheet(PDF) 2 Page - Rohm

Part # EMD22
Description  General purpose (dual digital transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD22 Datasheet(HTML) 2 Page - Rohm

  EMD22 Datasheet HTML 1Page - Rohm EMD22 Datasheet HTML 2Page - Rohm EMD22 Datasheet HTML 3Page - Rohm EMD22 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
Data Sheet
EMD22 / UMD22N
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI (off)
VI (on)
VO (on)
II
IO (off)
R1
GI
fT
Min.
−
1.3
−
−
−
3.29
80
−
−
−
0.1
−
−
4.7
−
250
0.5
−
0.3
1.8
0.5
6.11
−
−
V
VCC
=5V, IO=100
µA
VO
=0.3V, IO=5mA
IO
/II=5mA/0.25mA
VI
=5V
VCC
=50V, VI=0V
−
−
VO
=5V, IO=10mA
VCE
=10V, IE=
−5mA, f=100MHz
V
mA
µA
k
Ω
−
MHz
Typ. Max. Unit
Conditions
Input voltage
Output voltage
Input current
Output current
DC current gain
Input resistance
∗Transition frequency of the device
Transition frequency
Resistance ratio
∗
R2
/R1
DTr 1
810
12
−
Parameter
Symbol
VI (off)
VI (on)
VO (on)
II
IO (off)
R1
GI
fT
Min.
−
−1.3
−
−
−
3.29
80
−
−
−
−0.1
−
−
4.7
−
250
−0.5
−
−0.3
−1.8
−0.5
6.11
−
−
V
VCC
=
−5V, IO=−100µA
VO
=
−0.3V, IO=−5mA
IO
/II=
−5mA/−0.25mA
VI
=
−5V
VCC
=
−50V, VI=0V
−
−
VO
=
−5V, IO=−10mA
VCE
=
−10V, IE=5mA, f=100MHz
V
mA
µA
k
Ω
−
MHz
Typ. Max. Unit
Conditions
Input voltage
Output voltage
Input current
Output current
DC current gain
Input resistance
∗Transition frequency of the device
Transition frequency
Resistance ratio
∗
R2
/R1
810
12
−
DTr 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com