Electronic Components Datasheet Search
  English  ▼

X  

BAT54W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT54W
Description  SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54W Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT54W Datasheet HTML 1Page - Rectron Semiconductor BAT54W Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low forward voltage drop
* Fast switching
*
MECHANICAL DATA
Marking: KL5
* Case: Molded plastic
SOT-323
BAT54W
Uitra - small surface mount package
* PN Junction guard ring for transient and ESD protection
Dimensions in inches and (millimeters)
SOT-323 SURFACE MOUNT SCHOTTKY
BARRIER DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.006 gram
0.087(2.20)
0.008(0.20)
0.016(0.40)
0.003(0.08)
0.006(0.15)
0.079(2.00)
0.055(1.40)
0.047(1.20)
0.096(2.45)
0.085(2.15)
REF 0.021(0.53)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.053(1.35)
0.045(1.15)
2006-3
MAXIMUM RATINGS ( @ TA = 25
oC unless otherwise noted )
DC blocking voltage
Forward contiunous current (Note 1)
Repetitive peak forward current (Note 1)
Power dissipation (Note 1)
Thermal resistance, Junction to ambient air (Note 1)
Forward surge current (Note 1)
@ t < 1.0 s
Operating and storage temperature range
CHARACTERISTICS
SYMBOL
UNITS
V
oC
µA
µA
µA
µW
Κ/Ω
Peak repetitive reverse voltage
working peak reverse voltage
VRRM
VRWM
VR
IF
IFRM
IFSM
R
θJA
PD
Tj, Tstg
VALUE
30
30
30
200
300
600
200
625
-65~+125
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Notes: 1. Valid provided that terminals are kept at ambient temperature.
DS30065 Rev. 2P-1
2. tp <300µs, duty cycle <2%.
(IF= 0.1mA)
(IF= 1mA)
Forward voltage (Note 2)
(IF= 10mA)
(IF= 30mA)
(IF= 100mA)
Reverse leakage current (VR= 25V) (Note 2)
Reveres recovery time (IF=10mA through IR=10mA to IR=1.0mA,RL=100Ω)
Junction capacitance (VR= 1.0V, f= 1.0MHz)
CHARACTERISTICS
SYMBOL
UNITS
V
mV
PF
ns
µA
Reveres breakdown voltage (IRS= 100
µA)
V(BR)R
VF
Cj
IR
trr
MAX
-
-
-
240
320
400
500
1000
2.0
10
5.0
TYP
30
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
MIN


Similar Part No. - BAT54W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54W PANJIT-BAT54W Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54W PHILIPS-BAT54W Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54W STMICROELECTRONICS-BAT54W Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54W WTE-BAT54W Datasheet
37Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54W DIODES-BAT54W Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
More results

Similar Description - BAT54W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S130H DIODES-PD3S130H Datasheet
86Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30694 Rev. 5 - 2
PD3S130L DIODES-PD3S130L Datasheet
86Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30671 Rev. 8 - 2
PD3S140 DIODES-PD3S140 Datasheet
88Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30862 Rev. 7 - 2
PD3S160 DIODES-PD3S160 Datasheet
86Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30899 Rev. 4 - 2
PD3S0230 DIODES-PD3S0230 Datasheet
90Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE PowerDI 323
DS30722 Rev. 6 - 2
logo
Rectron Semiconductor
BAT54AW RECTRON-BAT54AW Datasheet
92Kb / 2P
SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
BAT54CW RECTRON-BAT54CW Datasheet
93Kb / 2P
SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54SW RECTRON-BAT54SW Datasheet
93Kb / 2P
SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAV99W RECTRON-BAV99W Datasheet
271Kb / 3P
SOT-323 SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com