Electronic Components Datasheet Search
  English  ▼

X  

BAT60B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT60B
Description  Small-Signal Schottky Diodes VOLTAGE RANGE 10 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT60B Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT60B Datasheet HTML 1Page - Rectron Semiconductor BAT60B Datasheet HTML 2Page - Rectron Semiconductor BAT60B Datasheet HTML 3Page - Rectron Semiconductor BAT60B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small-Signal Schottky Diodes
VOLTAGE RANGE 10 Volts
FEATURES
* High current rectifier Schottky diode with low VF drop
* Low voltage, low inductance
* For power supply
* For detection and step-up-conversion
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAT60B
SOD-323
MAXIMUM RATINGS (@TA=25OC unless otherwise noted)
NOTES : 1. Measured at 1MHz and applied reverse voltage of 5 volts.
2. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted)
2008-12
REV: A
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum Forward Comtinuous Current
Forward Surge Current @ t=10ms
Maximum Power Dissipation (Note 2)
Junction Temperature
Storage Temperature Range
SYMBOL
BAT60B
VRM
IFM
IFSM
Ptot
TJ
TSTG
Volts
30
250
Junction Capacitance (Note 1)
CT
-65 to + 150
Amps
Amps
mW
pF
O
C
O
C
UNITS
150
10
3
5
CHARACTERISTICS
Maximum Instantaneous Peverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
mVolts
@IF=10mA
@VR=5V
@VR=8V
@IF=100mA
@IF=500mA
@IF=1000mA
300
600
25
380
500
15
uAmps
BAT60B
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)


Similar Part No. - BAT60B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT60B SIEMENS-BAT60B Datasheet
25Kb / 3P
Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
logo
Infineon Technologies A...
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Jiangsu Changjiang Elec...
BAT60B JIANGSU-BAT60B Datasheet
156Kb / 3P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT60B BILIN-BAT60B Datasheet
213Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT60B KEXIN-BAT60B Datasheet
35Kb / 1P
Schottky Diodes
More results

Similar Description - BAT60B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT42W RECTRON-BAT42W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT42WS RECTRON-BAT42WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43W RECTRON-BAT43W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43WS RECTRON-BAT43WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT54WS RECTRON-BAT54WS Datasheet
154Kb / 3P
Small-Signal Schottky Diodes VOLTAGE RANGE 30 Volts CURRENT 100 mAmpere
SD101AW RECTRON-SD101AW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 60 Volts
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103CW RECTRON-SD103CW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 20 Volts
SD107WS RECTRON-SD107WS Datasheet
42Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
logo
Weitron Technology
BAT54BS WEITRON-BAT54BS Datasheet
720Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 250mAMPERES 30 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com