Electronic Components Datasheet Search
  English  ▼

X  

BAT86 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT86
Description  SILICON PLANAR SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT86 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT86 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAT86
MAXIMUM RATINGES ( @ TA = 25
oC unless otherwise noted )
SILICON PLANAR SCHOTTKY
BARRIER DIODE
FEATURES
* Fast Switching Device(TRR<4.0nS)
* DO-34 Package (JEDEC)
*
*
*
*
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads
are readily solderable
Dimensions in inches and (millimeters)
MAX.
.165 (4.2)
1.02 (26.0)
MIN.
1.02 (26.0)
MIN.
.079 (2.0)
MAX.
DIA.
.022 (0.56)
.018 (0.46)
DIA.
RATINGS
Maximum Forward Comtinuous Current @ TA=25
OC
Maximum Forward Comtinuous Reverse Voltage
Surge Forward Current @ tp<10ms
Junction Temperature
Storage Temperature Range
SYMBOL
BAT86
mAmps
V
200
50
Repetitive Peak Forward Current tp<1s:
δ<0.5
AmpsR
500
5
125
-65 to + 150
mAmps
OC
OC
UNITS
IF
VR
IFRM
IFSM
TJ
TSTG
DO-34
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Reverse voltage leakage current (VR=40V)
Forward voltage Pulse Tesx tp<300
µs,δ<2% (IF=10mA)
(IF=1mA)
(IF=0.1mA)
(IF=30mA)
(IF=100mA)
Diode capacitance (VR=1,f=1MHz)
Reveres recovery time (IF=IR=10mA,RL=100Ω,IR=1mA)
CHARACTERISTICS
SYMBOL
UNITS
-
5.0
0.30
0.45
0.38
0.60
0.90
-
-
-
-
-
8.0
4.0
µA
V
V
pF
nS
Reverse breakdown voltage (IR=10µA)
V(BR)R
IR
VF
CD
trr
MAX.
-
-
-
-
TYP.
50
-
-
-
-
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - BAT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT86 GOOD-ARK-BAT86 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT86

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Diode
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Continental Device Indi...
BAT86 CDIL-BAT86 Datasheet
194Kb / 3P
SILICON PLANAR SCHOTTKY BARRIER DIODE
BAS85 CDIL-BAS85 Datasheet
100Kb / 3P
SILICON PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com