Electronic Components Datasheet Search
  English  ▼

X  

BAV16W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV16W
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV16W Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV16W Datasheet HTML 1Page - Rectron Semiconductor BAV16W Datasheet HTML 2Page - Rectron Semiconductor BAV16W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Compact surface mount with same foot print as mini-melf
* High Breakdown Voltage
* Fast Switching Speed
* 400mW Power Dissipation
* General Purpose Switching Applications
* High Conductance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAV16W
SOD-123
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
NOTES : 1. Measured at IF=IR=10mA, IRR=0.1IR And RL=100
.
2. Measured at 1MHz and applied reverse voltage of 0 volts.
3. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
2006-3
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation (Note 3)
Operating and Storage Temperature Range
SYMBOL
BAV16W
VRM
VRMS
IFM
IFSM
PD
TJ, TSTG
VR
Volts
Volts
mAmps
300
Maximum Average Forward Rectified Current
IO
mAmps
150
2.0
1.0
400
Typical Junction Capacitance (Note 2)
CJ
2
-65 to + 150
Amps
mW
pF
Typical Reverse Recovery Time (Note 1)
Trr
4
nS
OC
UNITS
Typical Thermal Resistance
R
θJA
315
OC/W
100
Maximum Working Peak reverse Voltage
VRWM
Volts
75
Maximum Repetitive Peak Reverse Voltage
VRRM
53
CHARACTERISTICS
Maximum Instantaneous Reverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@IF=1.0mA
@VR=20V, TJ=25OC
@VR=75V, TJ=25OC
@VR=25V, TJ=150OC
@VR=75V, TJ=150OC
@IF=10mA
@t=1.0uS
@t=1.0S
@IF=50mA
@IF=150mA
0.715
25
1.0
30
50
0.855
1.0
1.25
nAmps
uAmps
uAmps
uAmps
BAV16W
.
Dimensions in inches and (millimeters)
REF .020(0.50)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(.10)
.000(.00)


Similar Part No. - BAV16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16W PANJIT-BAV16W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
41Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
63Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
logo
Formosa MS
BAV16W FORMOSA-BAV16W Datasheet
116Kb / 2P
SOD-123 Plastic-Encapsulate Dio des
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
88Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 17 - 2
More results

Similar Description - BAV16W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4148W RECTRON-1N4148W Datasheet
155Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAT42W RECTRON-BAT42W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT42WS RECTRON-BAT42WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43W RECTRON-BAT43W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43WS RECTRON-BAT43WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com