Electronic Components Datasheet Search
  English  ▼

X  

BAV70W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV70W
Description  SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV70W Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV70W Datasheet HTML 1Page - Rectron Semiconductor BAV70W Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Power dissipation
PD:
200
mW (Tamb=25OC)
IO:
150
mA (Tamb=25OC)
VR:
75
V
* Collector current
*
MECHANICAL DATA
* Case: Molded plastic
SOT-323
BAV70W
Collector - base voltage
TJ,Tstg: -55OC to+150OC
* Operating and storage junction temperature range
Dimensions in inches and (millimeters)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
(IF= 1mA)
Forward voltage
(IF= 10mA)
(IF= 50mA)
(IF= 150mA)
Diode capacitance(VR= 0V, f= 1MHz)
Reveres recovery time (IF= IR= 10mA, Irr= 0.1 x IR, RL= 100W)
CHARACTERISTICS
SYMBOL
UNITS
V
mV
nS
PF
mA
Reveres breakdown voltage (IR= 100mA)
Reveres voltage leakage current (VR= 75V)
V(BR)
IR
VF
CD
trr
MAX
-
-
-
2.5
715
855
1000
1250
2
4
TYP
75
-
-
-
-
-
-
-
-
-
-
-
-
-
MIN
SOT-323 PLASTIC ENCAPSULATE
SWITCHING DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.006 gram
0.087(2.20)
0.008(0.20)
0.016(0.40)
0.003(0.08)
0.006(0.15)
0.079(2.00)
0.055(1.40)
0.047(1.20)
0.096(2.45)
0.085(2.15)
REF 0.021(0.53)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.053(1.35)
0.045(1.15)


Similar Part No. - BAV70W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70W PANJIT-BAV70W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Won-Top Electronics
BAV70W WTE-BAV70W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
logo
Diodes Incorporated
BAV70W DIODES-BAV70W Datasheet
69Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30063 Rev. 2 - 1
More results

Similar Description - BAV70W

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MMBD4148W WILLAS-MMBD4148W Datasheet
357Kb / 3P
SOT-323 Plastic-Encapsulate DIODE
2SK3018WT1 WILLAS-2SK3018WT1 Datasheet
427Kb / 3P
SOT-323 Plastic-Encapsulate MOSFETS
logo
SHENZHEN YONGERJIA INDU...
BAW56W WINNERJOIN-BAW56W Datasheet
119Kb / 1P
SOT-323 Plastic-Encapsulate DIODE
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W YEASHIN-BAS20W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com