Electronic Components Datasheet Search
  English  ▼

X  

BC546 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC546
Description  NPN Silicon Planar Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC546 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC546 Datasheet HTML 1Page - Rectron Semiconductor BC546 Datasheet HTML 2Page - Rectron Semiconductor BC546 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Collector Base Voltage
Storge Temperature
Tstg
mW
Tamb = 25
oC
Total power dissipation up to
Ptot
mA
Base Current - Peak
IBM
Thermal Resistance
Junction Temperature
Tj
From junction to ambient
Rth(j-a)
DESCRIPTION
SYMBOL
UNITS
Collector Emmitter Voltage (VBE = 0V)
V
V
80
50
30
VCBO
V
V
IEM
IC
mA
ICM
mA
66
500
-55 to +150
oC
150
oC
oC/W
250
BC546
200
100
200
65
45
BC547
BC548
30
80
30
200
VCES
Collector Emitter Voltage
VCEO
50
Emitter Base Voltage
VEBO
Emitter Current - Peak
Collector Current (DC)
Collector Current - Peak
5
NPN Silicon Planar Epitaxial Transistors
BC546
BC547
BC548
Absolute Maximum Ratings (Ta = 25
oC unless specified otherwise)
TO-92 SMD Package
2
3
1
www.rectron.com
1 of 3


Similar Part No. - BC546

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546 ONSEMI-BC546 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC546 SEMTECH-BC546 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC546 SIEMENS-BC546 Datasheet
210Kb / 6P
NPN Silicon Transistors
More results

Similar Description - BC546

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com