Electronic Components Datasheet Search
  English  ▼

X  

BC556 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC556
Description  PNP Planar Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC556 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC556 Datasheet HTML 1Page - Rectron Semiconductor BC556 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transition Frequency
fT
IC = 10mA, VCE = 5V
f = 100MHz
-150
-
MHz
Collector Output Capacitance
VCBO
VCB = 10V, f = 1MHz
--
6
pF
Nose Figure
NF
VCE = 5V, IC = 0.2mA
RS N I
.+]
B = 200 Hz
-2
10
dB
Characteristics Ratings
(at Ta = 25°C unless otherwise specified)
Dynamics Characteristics
Symbol
Test Conditions
min.
Typ.
max.
Unit
Collector Emitter Voltage
VCEO
IC = 2mA, IB=0
65
-
-
V
Collector Base voltage
VCBO
IC = 100uA, IE=0
80
-
-
V
Emitter Base Voltage
VEBO
IE = 100uA, IC=0
5-
-
V
Collector Cut off Current
ICBO
VCB = 30V, IE = 0
VCB = 30V, IE = 0, TJ = 150°C
-
0.2
-
15
4
nA
uA
Collector Cut off Current
ICES
VCE = 80V
VCE = 80V, TJ = 125°C
-
0.2
-
15
4
nA
uA
DC Current Gain
hFE
VCE = 5V. IC = 2mA
75
475
Collector Emitter Saturation Voltage
VCE (SAT)
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
-
0.09
0.25
0.3
0.65
V
Base Emitter Saturation Voltage
VBE (SAT)
IC = 10mA, IB = 0.5mA
IC = 100mA, IB= 5mA
-
0.7
0.9
-
V
Base Emitter on Voltage
VBE (SAT)
IC = 2mA, VCE = 5V
IC = 10mA, VCE = 5V
0.55
-
0.66
-
0.7
0.82
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com