Electronic Components Datasheet Search
  English  ▼

X  

BC548 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC548
Description  NPN Silicon Planar Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC548 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC548 Datasheet HTML 1Page - Rectron Semiconductor BC548 Datasheet HTML 2Page - Rectron Semiconductor BC548 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC546
BC547
BC548
MIN TYP MAX
65
45
30
80
50
30
6
6
5
15
5
0.2
15
0.2
15
0.2
15
4
4
4
0.55 0.66
0.7
0.77
0.09
0.25
0.2
0.60
0.3
0.60
0.7
0.9
90
150
270
110
450
110
800
110
180
220
200
290
450
420
520
800
120
200
400
Note (1): IB is value for which IC = 11mA @ VCE = 10V.
nA
BC546/BC546A/BC546B/BC546C
VCE = 80V
nA
ICES
VCE = 80V, Tj = 125
oC
uA
V
Collector Base Voltage
VCBO
IC = 100uA, IE = 0
V
BC546/BC546A/BC546B/BC546C
BC547/BC547A/BC547B/BC547C
BC548/BC548A/BC548B/BC548C
IC = 1mA, IB = 0
Collector Emitter Voltage
BC546/BC546A/BC546B/BC546C
V
BC547/BC547A/BC547B/BC547C
ICBO
BC547/BC547A/BC547B/BC547C
BC548/BC548A/BC548B/BC548C
VCEO
VEBO
IE = 10uA, IC = 0
IC = 10mA, IB = 5mA
VCE(Sat)
Base Emitter Saturation Voltage
Collector Cut off Current
BC546B/BC547B/BC548B
hFE
BC546C/BC547C/BC548C
BC546A/BC547A/BC548A
V
BC546
V
V
IC = 100mA, IB = 5mA
IC = 100mA, IB = see note (1)
VBE(Sat)
IC = 10mA, IB = 0.5mA
BC548/BC548A/BC548B/BC548C
VCE = 30V, Tj = 125
oC
uA
BC547/BC547A/BC547B/BC547C
VCE = 50V, Tj = 125
oC
uA
BC546/BC546A/BC546B/BC546C
Base Emitter On Voltage
TEST CONDITION
VBE(on)
IC = 2mA, VCE = 5V
IC = 10mA, VCE = 5V
Collector Cut off Current
Emitter Base Voltage
BC546/BC546A/BC546B/BC546C
BC546C/BC547C/BC548C
BC546B/BC547B/BC548B
BC546A/BC547A/BC548A
BC547/BC548
VCE = 5V, IC = 100mA
VCE = 5V, IC = 2mA
UNITS
Collector Emitter Saturation Voltage
IC = 10mA, IB = 0.5mA
VCB = 30V, IE = 0
DESCRIPTION
SYMBOL
VCB = 30V, IE = 0, Tj = 150
oC
BC548/BC548A/BC548B/BC548C
BC548/BC548A/BC548B/BC548C
VCE = 30V
DC Current Gain
nA
uA
BC547/BC547A/BC547B/BC547C
VCE = 50V
nA
VCE = 5V, IC = 10uA
BC546A/BC547A/BC548A
BC546B/BC547B/BC548B
BC546C/BC547C/BC548C
Electrical Characteristics (Ta=25
oC unless otherwise specified)
www.rectron.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com