Electronic Components Datasheet Search
  English  ▼

X  

BC808 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC808
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC808 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC808 Datasheet HTML 1Page - Rectron Semiconductor BC808 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BC808
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
TECHNICAL SPECIFICATION
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Emitter cut-off current (VEB= -4V, IC=0)
DC current gain (VCE= -1V, IC= -100mA)
DC current gain (VCE= -1V, IC= -500mA)
Collector cut-off current (VCB= -30V, IE=0)
Collector-emitter saturation voltage (IC= -500mA, IB= -50mA)
Transition frequency (VCE= -5V, IC= -10mA, f= 50MHZ)
Collector output capacitance (VCB= -10V, IE= 0, f= 1MHZ)
Base - emitter voltage (VCE= -1V, IC= -500mA)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
-
-0.1
600
m
A
m
A
V
V
V
V
V
pF
MHz
Collector-base breakdown voltage (IC= -100mA, IE=0)
Collector-emitter breakdown voltage (IC= -1mA, IB=0)
Emitter-base breakdown voltage (IE= -100mA, IC=0)
CLASSIFICATION OF hFE(1)
RANK
Range
Marking
16
100-250
160-400
5E
5F
V(BR)CBO
V(BR)CEO
V(BR)EBO
VBE
IEBO
hFE
ICBO
VCE(sat)
fT
Cob
MAX
-30
-25
-5
-
40
1.2
-
-
-
-
-
-
100
MIN
40
25
250-600
5G
0.055(1.40)
0.047(1.20)
-
-0.1
-0.7
-
-
-
-
-
-
TYP
-
12
100
-
-
-
BASE
EMITTER
COLLECTOR
*
*
*
*
Power dissipation
PCM :
200
mW (Tamb=25OC)
Collector current
ICM :
500
mA
Collector-base voltage
V(BR)CBO : 30
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
1
2
3
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
Small Signal Transistors (PNP)
logo
AUK corp
BC808 AUK-BC808 Datasheet
82Kb / 3P
PNP Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC808 DIOTEC-BC808 Datasheet
175Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com