Electronic Components Datasheet Search
  English  ▼

X  

BC558B Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BC558B
Description  PNP Silicon Planar Epitaxial Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC558B Datasheet(HTML) 3 Page - Rectron Semiconductor

  BC558B Datasheet HTML 1Page - Rectron Semiconductor BC558B Datasheet HTML 2Page - Rectron Semiconductor BC558B Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BC556,A,B,C
BC557,A,B,C
BC558,A,B,C
MIN TYP MAX
150
6
2
10
220
330
600
1.6
2.7
4.5
3.2
4.5
8.5
6.0
8.7
15
1.5
2.0
3.0
18
30
30
60
60
110
u MHO
DYNAMICS CHARACTERISTICS
Transition Frequency
fT
IC = 10mA, VCE = 5V, f = 100MHZ
MHZ
x10
Input Impedance
VCE = 5V, IC = 2mA, f= 1kHZ
A
hie
Noise Figure
NF
VCE = 5V, IC = 0.2mA
dB
RS= 2k ohm, f = 1KHZ, B= 200HZ
B
C
hfe
Small Signal Current Gain
VCE = 5V, IC = 2mA, f= 1kHZ
A
Collector output Capacitance
Ccbo
VCB = 10V, f = 1MHZ
pF
C
B
C
C
hre
VCE = 5V, IC = 2mA, f= 1kHZ
A
Output Admittance
hoe
VCE = 5V, IC = 2mA, f= 1kHZ
Voltage Feedback
B
A
k ohm
B
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
Electrical Characteristics (Ta=25
oC unless otherwise specified)
www.rectron.com
3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com