Electronic Components Datasheet Search
  English  ▼

X  

BC846B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC846B
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC846B Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC846B Datasheet HTML 1Page - Rectron Semiconductor BC846B Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BC846B
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
DC current gain (VCE= 5V, IC= 2mA)
Collector cut - off current (VCB= 70V, IE=0)
Collector cut - off current (VCE= 60V, IB=0)
Emitter cut - off current (VEB= 5V, IC=0)
Collector - emitter saturation voltage (IC= 100mA, IB= 5mA)
Base - emitter saturation voltage (IC= 100mA, IB= 5mA)
Transition frequency (VCE= 5V, IC= 10mA, f= 100MHZ)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
0.1
0.1
m
A
m
A
m
A
V
V
V
V
V
Collector - base breakdown voltage (IC= 10mA, IE=0)
Collector - emitter breakdown voltage (IC= 10mA, IB=0)
Emitter - base breakdown voltage (IE= 10mA, IC=0)
DEVICE MARKING
BC846B
Notes: 1. Transistor mounted on an FR4 Printed-circuit board.
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
1B
VCBO
VCEO
VEBO
IEBO
hFE(1)
ICBO
ICEO
VCE(sat)
VBE(sat)
fT
MAX
80
65
6
-
200
100
MIN
0.055(1.40)
0.047(1.20)
-
0.1
-
-
-
-
1.1
MHZ
0.5
450
BASE
EMITTER
COLLECTOR
*
*
*
*
Power dissipation
PCM :
0.225
W (Tamb=25OC) Note1
Collector current
ICM :
0.1
A
Collector-base voltage
VCBO :
80
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
1
2
3
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - BC846B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC846B ONSEMI-BC846B Datasheet
160Kb / 6P
General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
NXP Semiconductors
BC846B PHILIPS-BC846B Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Transys Electronics
BC846B TRSYS-BC846B Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC846B ZOWIE-BC846B Datasheet
61Kb / 3P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC846B SIEMENS-BC846B Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BC846B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com