Electronic Components Datasheet Search
  English  ▼

X  

BC848C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC848C
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC848C Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC848C Datasheet HTML 1Page - Rectron Semiconductor BC848C Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BC848C
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
DC current gain (VCE= 5V, IC= 2mA)
Collector cut-off current (VCB= 30V, IE=0)
Collector cut-off current (VCE= 30V, IB=0)
Emitter cut-off current (VEB= 5V, IC=0)
Collector-emitter saturation voltage (IC= 100mA, IB= 5mA)
Base-emitter saturation voltage (IC= 100mA, IB= 5mA)
Transition frequency (VCE= 5V, IC= 10mA, f= 100MHZ)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
0.1
0.1
m
A
m
A
m
A
V
V
V
V
V
Collector-base breakdown voltage (IC= 10mA, IE=0)
Collector-emitter breakdown voltage (IC= 10mA, IB=0)
Emitter-base breakdown voltage (IE= 10mA, IC=0)
DEVICE MARKING
BC848C
Note1. Transistor mounted on an FR4 Printed-circuit board.
1L
VCBO
VCEO
VEBO
IEBO
hFE(1)
ICBO
ICEO
VCE(sat)
VBE(sat)
fT
MAX
30
30
6
-
420
100
MIN
0.055(1.40)
0.047(1.20)
-
0.1
-
-
-
-
1.1
MHZ
0.5
800
BASE
EMITTER
COLLECTOR
*
*
*
*
Power dissipation
PCM :
0.225
W (Tamb=25OC) Note1
Collector current
ICM :
0.1
A
Collector-base voltage
VCBO :
30
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
1
2
3
2
3
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.


Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848C MCC-BC848C Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results

Similar Description - BC848C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BFS20 RECTRON-BFS20 Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com