Electronic Components Datasheet Search
  English  ▼

X  

BCW61D Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BCW61D
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BCW61D Datasheet(HTML) 1 Page - Rectron Semiconductor

  BCW61D Datasheet HTML 1Page - Rectron Semiconductor BCW61D Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BCW61D
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase , half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
TECHNICAL SPECIFICATION
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
2006-3
AMINUM RATINGS ( @ TA = 25oC unless otherwise noted )
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Collector current-continuous
Power dissipation
Junction and storage temperature
Note 1: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
CHARACTERISTICS
SYMBOL
UNITS
o
C
A
W
V
V
V
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Marking
VCBO
VCEO
VEBO
PC
TJ ,Tstg
IC
-32
-32
-5
0.25
-55 - 150
VALUE
BD
0.055(1.40)
0.047(1.20)
-0.1
BASE
EMITTER
COLLECTOR
* Power dissipation
PCM :
0.2 W (Tamb=25OC)
1
1
2
3
2
3
DC current gain (VCE= -5V, IC= -10mA)
DC current gain (VCE= -5V, IC= -2mA)
DC current gain (VCE= -1V, IC= -50mA)
Collector cut-off current (VCB= -32V, IE=0)
Collector cut-off current (VEB= -4V, IC=0)
Transition frequency (VCE= -5V, IC= -10mA, f=100MHZ)
Collector capacitance (VCB= -10V, IE= 0, f=1MHZ)
Emitter capacitance (VEB= -0.5V, IC= 0, f=1MHZ)
Collector-emitter saturation voltage (IC= -10mA, IB= -0.25mA)
Collector-emitter saturation voltage (IC= -50mA, IB= -1.25mA)
Base-emitter saturation voltage (IC= -10mA, IB= -0.25mA)
Base-emitter saturation voltage (IC= -50mA, IB= -1.25mA)
Base-emitter voltage (VCE= -5V, IC= -10mA)
Base-emitter voltage (VCE= -5V, IC= -2mA)
Base-emitter voltage (VCE= -1V, IC= -50mA)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
-
-
-0.02
-
630
m
A
m
A
V
V
V
V
V
V
V
V
V
V
Collector-base breakdown voltage (IC= -10mA, IE=0)
Collector-emitter breakdown voltage (IC= -1mA, IB=0)
Emitter-base breakdown voltage (IE= -10mA, IC=0)
V(BR)CBO
V(BR)CEO
V(BR)EBO
IEBO
hFE
ICBO
VCE(sat)
VBE(sat)
VBE(ON)
fT
Cc
Ce
MAX
-32
-32
-5
-
380
-0.25
-0.85
-
-0.55
-1.05
-0.75
-
-
pF
pF
MHZ
-
-
110
-0.06
100
MIN
-
-0.02
-
-
-
-
-
-
TYP
-
-
-
-
-
-
-
-
-
-0.12
-0.6
-0.68
-0.6
100
11
4.5
-0.72
-0.55
-
-
-
-


Similar Part No. - BCW61D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW61D PHILIPS-BCW61D Datasheet
42Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61D SAMSUNG-BCW61D Datasheet
33Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW61D SIEMENS-BCW61D Datasheet
271Kb / 9P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCW61D FAIRCHILD-BCW61D Datasheet
32Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW61D INFINEON-BCW61D Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
More results

Similar Description - BCW61D

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com