Electronic Components Datasheet Search
  English  ▼

X  

BFS20 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BFS20
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BFS20 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BFS20 Datasheet HTML 1Page - Rectron Semiconductor BFS20 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BFS20
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase , half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
TECHNICAL SPECIFICATION
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25OC unless otherwise noted )
CHARACTERISTICS
SYMBOL
UNITS
V
V
V
Marking
G11
0.055(1.40)
0.047(1.20)
BASE
EMITTER
COLLECTOR
1
1
2
3
2
3
DC current gain (VCE= 10V, IC= 7mA)
Collector cut-off current (VCB= 20V, IE=0)
Collector cut-off current (VCE= 15V, IC=0)
Collector cut-off current (VEB= 4V, IC=0)
Transition frequency (VCE= 10V, IC= 5mA, f=100MHZ)
Collector-emitter saturation voltage (IC= 10mA, IB= 1mA)
Base - emitter voltage (IC= 7mA, VCE= 10V)
0.9
-
-
MHz
m
A
m
A
m
A
V
V
Collector-base breakdown voltage (IC= 100mA, IE=0)
Collector-emitter breakdown voltage (IC= 100mA, IB=0)
Emitter-base breakdown voltage (IE= 100mA, IC=0)
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICEO
IEBO
hFE
ICBO
VCE(sat)
VBE(on)
fT
MAX
-
275
-
0.1
-
-
0.1
0.1
120
0.3
MIN
-
-
TYP
-
-
-
-
-
-
-
-
30
20
4
-
40
-
-
-
* Power dissipation
PCM :
0.25
W (Tamb=25OC)
* Collector current
ICM :
0.025
A
* Collector-base voltage
V(BR)CBO :
30
V
* Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
Note 1: "Fully ROHS compliant", "100% Sn plating (Pb-free)".


Similar Part No. - BFS20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS20 PHILIPS-BFS20 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 15
logo
Zetex Semiconductors
BFS20 ZETEX-BFS20 Datasheet
45Kb / 1P
NPN SILICON PLANAR VHF TRANSISTOR
logo
Siemens Semiconductor G...
BFS20 SIEMENS-BFS20 Datasheet
41Kb / 2P
NPN SILICON RF TRANSISTOR
logo
KEC(Korea Electronics)
BFS20 KEC-BFS20 Datasheet
125Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
logo
Diotec Semiconductor
BFS20 DIOTEC-BFS20 Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BFS20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com