Electronic Components Datasheet Search
  English  ▼

X  

BZX85C2V7 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BZX85C2V7
Description  1.3W DO-41 Zener Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BZX85C2V7 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BZX85C2V7 Datasheet HTML 1Page - Rectron Semiconductor BZX85C2V7 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Chara. Cont. (Ta = 25°C)
RECTRON
Part Number
VZT nom
(V)
Tolerance
(
r %)
r ZT
(
:)
@
I ZT
(mA)
IR
(
PA) @
VR
(V)
PD
(W)
BZX85C6V2
6.2
6.4
1.000
35.0
1.000
3.0
1.300
BZX85C6V8
6.8
5.8
1.000
35.0
1.000
4.0
1.300
BZX85C7V5
7.5
6.0
1.000
35.0
1.000
4.5
1.300
BZX85C8V2
8.2
6.0
1.000
25.0
1.000
6.2
1.300
BZX85C9V1
9.1
6.0
1.000
25.0
1.000
6.8
1.300
BZX85C10
10.0
6.0
0.500
25.0
0.500
7.0
1.300
BZX85C11
11.0
5.4
0.500
20.0
0.500
8.2
1.300
BZX85C12
12.0
5.3
0.500
20.0
0.500
9.1
1.300
BZX85C13
13.0
6.5
0.500
20.0
0.500
10.0
1.300
BZX85C15
15.0
6.0
0.500
15.0
0.500
11.0
1.300
BZX85C16
16.0
5.6
0.500
15.0
0.500
12.0
1.300
BZX85C18
18.0
6.3
0.500
15.0
0.500
13.0
1.300
BZX85C20
20.0
6.0
0.500
10.0
0.500
15.0
1.300
BZX85C22
22.0
5.7
0.500
10.0
0.500
16.0
1.300
BZX85C24
24.0
5.8
0.500
10.0
0.500
18.0
1.300
BZX85C27
27.0
7.0
0.500
8.0
0.500
20.0
1.300
BZX85C30
30.0
6.6
0.500
8.0
0.500
22.0
1.300
BZX85C33
33.0
6.0
0.500
8.0
0.500
24.0
1.300
BZX85C36
36.0
5.5
0.500
8.0
0.500
27.0
1.300
BZX85C39
39.0
5.1
0.500
6.0
0.500
30.0
1.300
BZX85C43
43.0
7.0
0.500
6.0
0.500
33.0
1.300
BZX85C47
47.0
6.3
0.500
4.0
0.500
36.0
1.300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com