Electronic Components Datasheet Search
  English  ▼

X  

C945 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # C945
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

C945 Datasheet(HTML) 1 Page - Rectron Semiconductor

  C945 Datasheet HTML 1Page - Rectron Semiconductor C945 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
Case: Molded plastic
*
Epoxy: UL 94V-O rate flame retardant
*
Lead: MIL-STD-202E method 208C guaranteed
*
Mounting position: Any
*
Weight: 0.008 gram
SOT-23
C945
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
CLASSIFICATION OF hFE(1)
RANK
Collector-base breakdown voltage(IC= 1mA, IE=0)
Collector-emitter breakdown voltage(IC= 0.1mA, IB=0)
Emitter-base breakdown voltage(IC= 0.1mA, IB=0)
SYMBOL
MAX
MIN
60
50
5
130
150
1
0.3
MHZ
0.1
0.1
0.1
-
V(BR)CBO
V(BR)CEO
VCE(sat)
V(BR)EBO
UNITS
V
V
V
V
V
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(NPN)
Dimensions in inches and (millimeters)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
1
3
BASE
EMITTER
COLLECTOR
2
1
3
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0.047(1.20)
0.055(1.40)
ICBO
hFE
m
A
m
A
m
A
Emitter cut-off current(VEB= 5V, IC=0)
Collector cut-off current(VCB= 60V, IE=0)
Collector cut-off current(VCB= 45V, IE=0)
DC current gain(VCE= 6V, IC= 1mA)
DC current gain(VCE= 6V, IC= 0.1mA)
Collector-emitter saturation voltage(IC=100 mA, IB= 10mA)
Base-emitter saturation voltage(IC= 100 mA, IB= 10mA)
Base-emitter voltage(IE= 310 mA)
Transition frequency(VCE= 6V, IC= 10mA, f= 30MHZ)
ICEO
IEBO
Range
Marking
CHARACTERISTICS
* Power dissipation
PCM :
0.2
W (Tamb=25OC)
* Collector current
ICM :
0.15
A
* Collector-base voltage
V(BR)CBO :
60
V
* Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
VBE(sat)
fT
L
130~200
CR
H
200~400
-
-
-
-
-
400
-
-
-
-
TYP
-
-
-
-
-
40
-
-
-
-
1.4
V
VBEF
-
-
-
-
-
-
Note : "Fully ROHS compliant", "100% Sn plating (Pb-free)".


Similar Part No. - C945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C945 ETC-C945 Datasheet
1Mb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
C945 STANSON-C945 Datasheet
80Kb / 1P
NPN TRANSISTOR
logo
Weitron Technology
C945 WEITRON-C945 Datasheet
2Mb / 4P
NPN Transistors
logo
Daya Electric Group Co....
C945 DAYA-C945 Datasheet
701Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
C945 SECOS-C945 Datasheet
166Kb / 2P
NPN Plastic Encapsulate Transistor
More results

Similar Description - C945

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW60C RECTRON-BCW60C Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2SC3052 RECTRON-2SC3052 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC847A RECTRON-BC847A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848B RECTRON-BC848B Datasheet
454Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BC848C RECTRON-BC848C Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
BCW66H RECTRON-BCW66H Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT3904 RECTRON-MMBT3904 Datasheet
309Kb / 6P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBT5550 RECTRON-MMBT5550 Datasheet
279Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
MMBTA06 RECTRON-MMBTA06 Datasheet
191Kb / 4P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com