Electronic Components Datasheet Search
  English  ▼

X  

C13003 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # C13003
Description  TO126 PLASTIC PACKAGE NPN SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

C13003 Datasheet(HTML) 2 Page - Rectron Semiconductor

  C13003 Datasheet HTML 1Page - Rectron Semiconductor C13003 Datasheet HTML 2Page - Rectron Semiconductor C13003 Datasheet HTML 3Page - Rectron Semiconductor C13003 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
DC Current Gain
*hFE
**IC=0.3A, VCE=2V
10
30
IC=0.5A, VCE=2V
8
40
IC=1A, VCE=2V
4
25
Collector Emitter Saturation Voltage
*VCE (sat)
IC=0.5A, IB=0.1A
0.5
V
IC=1A, IB=0.25A
1.0
V
IC=1.5A, IB=0.5A
3.0
V
IC=1A, IB=0.25A,Tc=100ºC
1.0
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=0.5A, IB=0.1A
1.0
V
IC=1A, IB=0.25A
1.2
V
IC=1A, IB=0.25A,Tc=100ºC
1.1
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Current Gain Bandwidth Product
fT
IC=100mA, VCE=10V,
f=1MHz
4.0
MHz
Output Capacitance
Cob
VCB=10V, f=0.1MHz
21
pF
SWITCHING TIME
Delay Time
td
0.1
m
s
Rise Time
tr
1.0
m
s
Storage Time
ts
4.0
m
s
Fall Time
tf
0.7
m
s
Voltage Storage Time
tsv
4.00
m
s
Crossover Time
tC
0.75
m
s
Fall Time
tfi
0.15
m
s
*Pulse Test: PW=300m
m
s, Duty Cycle=2%
** hFE Classification:-
Note:- Product is pre selected in DC current
A
B
C
E
F
gain (Groups A to F). RECTRON reserves the right
11-16
15-19
18-22
21-25
24-30
to ship any of the groups according to
production availability.
MARKING
C
C
C
C
C
13003A
13003B
13003C
13003E
13003F
X = Year of Manufacturer Code
Y = Month Code
*Pulse Test:- PW=300m
m
s, Duty Cycle=2%
VCC=125V, IC=1A,
IB1=IB2=0.2A, tp=25ms,
Duty Cycle=1%
XY
XY
XY
XY
XY
VClamp=300V, IC=1A,
IB1=0.2A, VBE(off)=5V,
Tc=100ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com