Electronic Components Datasheet Search
  English  ▼

X  

CD13002 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CD13002
Description  NPN SILICON PLANAR EPITAXIAL,HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CD13002 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CD13002 Datasheet HTML 1Page - Rectron Semiconductor CD13002 Datasheet HTML 2Page - Rectron Semiconductor CD13002 Datasheet HTML 3Page - Rectron Semiconductor CD13002 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Compact Fluorescent Lamps (CFLS)
ABSOLUTE MAXIMUM RATING (Ta =25ºC )
DESCRIPTION
SYMBOL
VALUE
Collector Base Voltage
VCBO
600
Collector Emitter Voltage
VCEO
400
Emitter Base Voltage
VEBO
9.0
Collector Current Continuous
IC
1.0
Peak
ICM
1.5
Power Dissipation
PD
1.0
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 55 to +150
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
600
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
400
V
Emitter Base Voltage
VEBO
IE=1mA, IC=0
9.0
V
Collector Cut Off Current
ICBO
VCB=600V, IE = 0
100
m
A
Collector Cut Off Current
ICEO
VCE=400V, IB = 0
50
m
A
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
100
m
A
DC Current Gain
hFE
*VCE=5V, IC=0.1A
15
28
VCE=5V, IC=400mA
5.0
20
Collector Emitter Saturation Voltage
VCE (sat)
IC=100mA, IB=50mA
0.05
0.11
V
IC=230mA, IB=50mA
0.12
0.24
V
Base Emitter Saturation Voltage
VBE (sat)
IC=100mA, IB=50mA
0.82
0.88
V
Fall Time
tf
IC=0.11A
0.4
m
s
Storage Time
ts
IC=0.1A, IB1= IB2=0.05A
0.07
0.9
m
s
Transition Frequency
fT
VCE=10V, IC=0.1A,f=1MHz
4.0
MHz
*hFE Classification
Note:- Product is pre selected in DC current
A
B
C
E
gain (Groups A to E). RECTRON reserves the right
15-19
18-22
21-25
24-28
to ship any of the groups according to
production availability.
MARKING
CD
CD
CD
CD
13002A
13002B
13002C
13002E
TCD
TCD
TCD
TCD
X = Year of Manufacturer Code
13002A
13002B
13002C
13002E
Y = Month Code
XY
XY
XY
XY
XY
XY
XY
XY
UNIT
V
V
V
A
A
W
ºC
E C
B
TO-92 PLASTIC PACKAGE
NPN SILICON PLANAR EPITAXIAL,HIGH VOLTAGE
FAST SWITCHING POWER TRANSISTOR
CD13002


Similar Part No. - CD13002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD13002 ETC1-CD13002 Datasheet
156Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Continental Device Indi...
CD13002 CDIL-CD13002 Datasheet
354Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
More results

Similar Description - CD13002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD13002 ETC1-CD13002 Datasheet
156Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6095 SANYO-2SC6095 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Continental Device Indi...
CD13002 CDIL-CD13002 Datasheet
354Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com