Electronic Components Datasheet Search
  English  ▼

X  

CMBD1201 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CMBD1201
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CMBD1201 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CMBD1201 Datasheet HTML 1Page - Rectron Semiconductor CMBD1201 Datasheet HTML 2Page - Rectron Semiconductor CMBD1201 Datasheet HTML 3Page - Rectron Semiconductor CMBD1201 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
FEATURES
*
Compact surface mount with same foot print as mini-melf
*
High Breakdown Voltage
*
Fast Switching Speed
*
400mW Power Dissipation
*
General Purpose Switching Applications
*
High Conductance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
CMBD1201
THUE
CMDB1205
SOT-23
MAXIMUM RATINGS (@ TA=25OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted)
Dimensions in inches and (millimeters)
VD 2008-8
REV: O
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Operating and Storage Temperature Range
SYMBOL
CMBD1201/1202/1203/1204/1205
VRM
VRMS
IFM
IFSM
TJ, TSTG
VR
Volts
Volts
mAmps
500
Maximum Average Forward Rectified Current
IO
mAmps
215
4.0
1.0
0.5
Typical Junction Capacitance
CT
2
-65 to + 150
Amps
pF
Typical Reverse Recovery Time
Trr
4
nS
O
C
UNITS
Typical Thermal Resistance
RqJA
500
K/W
100
Maximum Working Peak reverse Voltage
VRWM
Volts
75
Maximum R epetitive Peak Reverse Voltage
VRRM
53
CHARACTERISTICS
Maximum Instantaneous Reverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@VR=20V
@VR=25V,Tj=150oC
@VR=75V
@IF=10mA
@t=1.0uS
@t=1.0mS
@t=1.0S
@IF=200mA
1.05
30
0.855
25
5
nAmps
uAmps
CMBD1201/1202/1203/1204/1205
.
0.118(3.00)
0.015(0.38)
0.019(0.48)
0.004(0.09)
0.006(0.14)
0.110(2.80)
0.079(2.00)
0.071(1.80)
0.102(2.60)
0.094(2.40)
0.028(0.70)
0.020(0.50)
0.046(1.15)
0.035(0.90)
0.005(0.12)
0.001(0.02)
3
1
2
0.047(1.20)
0.055(1.40)


Similar Part No. - CMBD1201

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBD1201 CDIL-CMBD1201 Datasheet
131Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
More results

Similar Description - CMBD1201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BAV99BDWPT ETC2-BAV99BDWPT Datasheet
69Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
logo
Chenmko Enterprise Co. ...
BAV99BDWPT CHENMKO-BAV99BDWPT Datasheet
76Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
BAV99DPT CHENMKO-BAV99DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
logo
Rectron Semiconductor
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
BAV19W RECTRON-BAV19W Datasheet
152Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com