Electronic Components Datasheet Search
  English  ▼

X  

FR151 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # FR151
Description  1.5A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR151 Datasheet(HTML) 3 Page - Won-Top Electronics

  FR151 Datasheet HTML 1Page - Won-Top Electronics FR151 Datasheet HTML 2Page - Won-Top Electronics FR151 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR151 – FR157
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
FR151-T3
DO-15
4000/Tape & Reel
FR151-TB
DO-15
3000/Tape & Box
FR151
DO-15
1000 Units/Box
FR152-T3
DO-15
4000/Tape & Reel
FR152-TB
DO-15
3000/Tape & Box
FR152
DO-15
1000 Units/Box
FR153-T3
DO-15
4000/Tape & Reel
FR153-TB
DO-15
3000/Tape & Box
FR153
DO-15
1000 Units/Box
FR154-T3
DO-15
4000/Tape & Reel
FR154-TB
DO-15
3000/Tape & Box
FR154
DO-15
1000 Units/Box
FR155-T3
DO-15
4000/Tape & Reel
FR155-TB
DO-15
3000/Tape & Box
FR155
DO-15
1000 Units/Box
FR156-T3
DO-15
4000/Tape & Reel
FR156-TB
DO-15
3000/Tape & Box
FR156
DO-15
1000 Units/Box
FR157-T3
DO-15
4000/Tape & Reel
FR157-TB
DO-15
3000/Tape & Box
FR157
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com