Electronic Components Datasheet Search
  English  ▼

X  

DTA114TKA Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DTA114TKA
Description  SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA114TKA Datasheet(HTML) 1 Page - Rectron Semiconductor

  DTA114TKA Datasheet HTML 1Page - Rectron Semiconductor DTA114TKA Datasheet HTML 2Page - Rectron Semiconductor DTA114TKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.(see equi-
valent circuit).
* Only the on/off conditions need to be set for operation mark-
ing device design easy.
* The bias resistors conisit of thin-film resistors with co-
mplete isolation to without connecting external input.
They also have the advantage of almost completely El-
iminating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.009 gram
DTA114TKA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
TECHNICAL SPECIFICATION
SOT-23-3L DIGITAL TRANSISTORS
TRANSISTORS(PNP)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Emitter cut-off current (VEB= -4V,IC=0)
DC current gain (VCE= -5V,IC= -1mA)
Collector cut-off current (VCB= -50V,IE=0)
Collector-emitter saturation voltage (IC= -10mA,IB= -1mA)
Transistion frequency (VCE= -10V,IC= -5mA,f=100MHz)
Input resistor
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-0.5
600
m
A
m
A
V
V
V
V
MHz
Collector-base breakdown voltage (IC= -50mA,IE=0)
Collector-emitter breakdown voltage (IC= -1mA,IB=0)
Emitter-base breakdown voltage (IE= -50mA,IC=0)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-base Voltage
Collector Continuous Current
SYMBOL
VCBO
VCEO
VEBO
IC
V(BR)CBO
V(BR)CEO
V(BR)EBO
IEBO
hFE
ICBO
VCE(sat)
fT
R1
VALUE
MAX.
-
-
-
-
250
250
TYP.
-50
-50
-5
-
100
MIN.
UNITS
-50
-50
-5
mA
V
V
V
-100
Collector Dissipation
Junction and storage Temperature
PC
TJ ,TSTG
mW
200
-55 to +150
oC
(2)
(1)
(3)
-
-
-0.5
-
-
-
-
-0.3
7
10
13
KW
SOT-23-3L
Dimensions in inches and (millimeters)
(1) BASE
(2) EMITTER
(3) COLLECTOR
Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
0.116(2.95)
f .028 (0.70)
.067 (1.70)
.059 (1.50)
.049(1.25)
R.002
(.05)
.041(1.05)
.004(0.10)
.000(0.00)
0.104(2.65)
(1)
(2)
(3)


Similar Part No. - DTA114TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114TKA ROHM-DTA114TKA Datasheet
85Kb / 4P
Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTA114TKA JIANGSU-DTA114TKA Datasheet
78Kb / 2P
Digital transistors (built-in resistors)
logo
Guangdong Kexin Industr...
DTA114TKA KEXIN-DTA114TKA Datasheet
126Kb / 2P
Digital Transistors
logo
Rohm
DTA114TKA ROHM-DTA114TKA Datasheet
144Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
logo
Micro Commercial Compon...
DTA114TKA MCC-DTA114TKA Datasheet
1Mb / 2P
PNP Digital Transistor
More results

Similar Description - DTA114TKA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTA114EKA RECTRON-DTA114EKA Datasheet
302Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTA114YKA RECTRON-DTA114YKA Datasheet
302Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123JKA RECTRON-DTA123JKA Datasheet
372Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA123YKA RECTRON-DTA123YKA Datasheet
302Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA124EKA RECTRON-DTA124EKA Datasheet
302Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(PNP)
DTA143EKA RECTRON-DTA143EKA Datasheet
303Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143TKA RECTRON-DTA143TKA Datasheet
298Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA143XKA RECTRON-DTA143XKA Datasheet
302Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTA144EKA RECTRON-DTA144EKA Datasheet
353Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
DTC144TKA RECTRON-DTC144TKA Datasheet
419Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com