Electronic Components Datasheet Search
  English  ▼

X  

DTA143TKA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTA143TKA
Description  SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTA143TKA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTA143TKA Datasheet HTML 1Page - Rectron Semiconductor DTA143TKA Datasheet HTML 2Page - Rectron Semiconductor DTA143TKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES (DTA143TKA)
Figure2 Collector-emitter saturation voltage
vs.collector current
Figure1 DC current gain vs. collector current
IC, COLLECTOR CURRENT, (A)
IC, COLLECTOR CURRENT, (A)
1
2
5
-100m -200m -500m
10
20
100
200
500
1K
-1m -2m -5m
-10m -20m -50m -100m
-100m -200m -500m -1m -2m -5m
-10m -20m -50m -100m
50
-1m
-2m
-5m
-10m
-20m
-50m
-100m
-200m
-500m
-1
-40
OC
25
OC
Ta= 100
OC
-40
OC
25
OC
Ta= 100
OC
VCE= -5V
IC / IB= 20
Figure3 Equivalent circuit
BASE
R1
COLLECTOR
EMITTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com