Electronic Components Datasheet Search
  English  ▼

X  

DTC114ECA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC114ECA
Description  SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC114ECA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC114ECA Datasheet HTML 1Page - Rectron Semiconductor DTC114ECA Datasheet HTML 2Page - Rectron Semiconductor DTC114ECA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES (DTC114ECA)
Figure2 Output current vs input voltage
(OFF Characteristics)
Figure 4 Output voltage vs. output current
Figure1 Input voltage vs. output current
(ON Characteristics)
IO, OUTPUT CURRENT (A)
VI(on) , INPUT VOLTAGE (V)
Figure3 DC current gain vs. output current
IO, OUTPUT CURRENT (A)
IO, OUTPUT CURRENT(A)
100m
200m
500m
100m 200m 500m
1
2
10
20
50
100
1m
2m
5m
10m 20m 50m 100m
100m 200m 500m 1m
2m
5m
10m 20m 50m 100m
100m 200m 500m 1m
2m
5m
10m 20m 50m 100m
5
2m
1m
5m
10m
20m
50m
100m
200m
500m
1m
2m
10m
5m
0
0.5
1.0
1.5
2.0
2.5
3.0
5
10
20
50
100
200
500
1K
2
1
1m
2m
5m
10m
20m
50m
100m
200m
500m
1
100
OC
25
OC
Ta= -40
OC
VO= 0.3V
VCC= 5V
-40
OC
25
OC
Ta= 100
OC
-40
OC
25
OC
Ta= 100
OC
VO= 5V
-40
OC
25
OC
Ta= 100
OC
IO / II= 20
Figure5 Equivalent circuit
IN
R1
R2
IN
OUT
OUT
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com