Electronic Components Datasheet Search
  English  ▼

X  

FMP1 Datasheet(PDF) 1 Page - Rohm

Part # FMP1
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMP1 Datasheet(HTML) 1 Page - Rohm

  FMP1_1 Datasheet HTML 1Page - Rohm FMP1_1 Datasheet HTML 2Page - Rohm FMP1_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FMP1
Diodes
Rev.C
1/2
Switching diode
FMP1
Application
External dimensions (Unit : mm)
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Small mold type. (SMD5)
2) High reliability
Construction
Silicon epitaxial planar
Structure
SMD5
0.8MIN.
0.45 0.35
1.9
0.95 0.95
0.45
0.35
0.6
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
--
0.9
V
IF=5mA
IR
--
0.1
µA
VR=70V
Ct
-
-
3.5
pF
VR=6V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=5mA , RL=50Ω
Reverse recovery time
Capacitance between terminals
Reverse current
Parameter
Forward voltage
R
J
OHM : SMD5
EITA : SC-74A
week code
2.9±0.2
1.9±0.2
0.95
0.95
各リードとも同寸法
0~0.1
(5)
(3)
(1)
(4)
(2)
0.15±0.1
    0.06
1.1±0.2
0.1
0.8±0.1
0.3
+0.1
 -0.05
Each lead has same dimension
3.2±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.1
      0
φ1.0MIN
1.35±0.1
0.3±0.1
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
mA
Pd
mW
Tj
℃
Tstg
℃
unction temperature
torage temperature
-55 to +150
Limits
80
25
80
80
80
250
150
Parameter
verse voltage (DC)
verage rectified forward current (Single)
verse voltage (repetitive peak)
orward current (Single)
ower dissipation
rge current (t=1us)
Re
Re
F
A
Su
P
J
S


Similar Part No. - FMP1_1

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1216AAX FIDELIX-FMP1216AAX Datasheet
222Kb / 12P
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-FXXX FIDELIX-FMP1617CA0-FXXX Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0-G60E FIDELIX-FMP1617CA0-G60E Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP1_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com