Electronic Components Datasheet Search
  English  ▼

X  

FFM204L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FFM204L
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FFM204L Datasheet(HTML) 1 Page - Rectron Semiconductor

  FFM204L Datasheet HTML 1Page - Rectron Semiconductor FFM204L Datasheet HTML 2Page - Rectron Semiconductor FFM204L Datasheet HTML 3Page - Rectron Semiconductor FFM204L Datasheet HTML 4Page - Rectron Semiconductor FFM204L Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FFM201L
THRU
FFM207L
SMBL
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
T
Typical Thermal Resistance (Note 4)
ypical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
C
RqJA
RqJL
J
TJ, TSTG
VRMS
FFM201L FFM202L FFM203L FFM204L FFM205L FFM206L FFM207L
FFM201L FFM202L FFM203L FFM204L FFM205L FFM206L FFM207L
UNITS
50
Volts
Volts
Volts
Amps
35
50
100
70
100
700
1000
1000
560
800
800
420
600
600
280
400
400
2.0
70
55
18
15
-55 to + 150
Amps
pF
0
C
0
C/W
200
140
200
NOTES : 1. Reverse Re
4. Thermal Resistance : Mounted on PCB.
covery Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2006-12
at Rated DC Blocking Voltage
@TA = 25
oC
@TA = 100
oC
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.30
2.0
100
150
500
250
m
Amps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.098 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
SURFACE MOUNT GLASS PASSIVATED
FAST RECOVERY SILICON RECTIFIER
0.083 (2.11)
0.077 (1.96)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.085 (2.15)
0.061 (1.55)
0.060 (1.52)
0.030 (0.76)
0.220 (5.59)
0.205 (5.21)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)


Similar Part No. - FFM204L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM204 RECTRON-FFM204 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FFM204 FORMOSA-FFM204 Datasheet
69Kb / 2P
Fast recovery type
logo
Leshan Radio Company
FFM204 LRC-FFM204 Datasheet
172Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
List of Unclassifed Man...
FFM204 ETC2-FFM204 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM204 WINNERJOIN-FFM204 Datasheet
90Kb / 2P
Underwriters Laboratory
More results

Similar Description - FFM204L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM201 RECTRON-FFM201 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FFM101 RECTRON-FFM101 Datasheet
33Kb / 3P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101L RECTRON-FFM101L Datasheet
329Kb / 5P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM301L RECTRON-FFM301L Datasheet
331Kb / 5P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FM201L RECTRON-FM201L Datasheet
360Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FFM101B RECTRON-FFM101B Datasheet
383Kb / 8P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM201A RECTRON-FFM201A Datasheet
401Kb / 6P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FFM301B RECTRON-FFM301B Datasheet
177Kb / 9P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FMSB307S RECTRON-FMSB307S Datasheet
589Kb / 7P
VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
2020-03/97 REV:A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com