Electronic Components Datasheet Search
  English  ▼

X  

FM520 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM520
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM520 Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM520 Datasheet HTML 1Page - Rectron Semiconductor FM520 Datasheet HTML 2Page - Rectron Semiconductor FM520 Datasheet HTML 3Page - Rectron Semiconductor FM520 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
AMBIENT TEMPERATURE, (
OC)
0
0.01
0.001
1.0
0.1
10
0
1.0
2.0
3.0
4.0
5.0
6.0
20
40
60
80
100
120
140
125
150
50
25
75
100
0
0.1
0.3
0.5
1.1
1.5
0.9
0.1
1.0
10
20
0.7
1.3
RATING AND CHARACTERISTICS CURVES ( FM520 THRU FM5200 )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
5
50
20
10
100
200
500
20
0.5
0.2
1
5
2
10
40
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
120
30
0
150
60
90
210
180
2
5
10
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TA = 25 OC
FM520~FM540
FM550~FM560
FM580~FM5200
TA = 125 OC
TA = 75 OC
FM550~FM560
FM580~FM5200
FM520~FM540
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
TJ = 25 OC
At rated TL
8.3mS Single Half Sine-Wave
JEDEC Method
P.C.B. Mounted on
0.4X0.4"(10X10mm)
copper pad areas



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com