Electronic Components Datasheet Search
  English  ▼

X  

2N5294 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # 2N5294
Description  TO-220 - Power Transistors and Darlingtons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2N5294 Datasheet(HTML) 3 Page - Rectron Semiconductor

  2N5294 Datasheet HTML 1Page - Rectron Semiconductor 2N5294 Datasheet HTML 2Page - Rectron Semiconductor 2N5294 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
#
t
r
a
P
y
t
i
r
a
l
o
P
V
O
B
C
)
V
(
n
i
M
V
O
E
C
)
V
(
n
i
M
V
O
B
E
)
V
(
n
i
M
P
D
)
W
(
I
C
)
A
(
I
S
E
C
)
A
u
(
x
a
M
@ V
E
C
h
E
F
n
i
M
h
E
F
x
a
M
@
I
C
)
A
(
V
E
C
)
V
(
V
)
T
A
S
(
E
C
)
V
(
x
a
M
V
)
T
A
S
(
E
B
)
V
(
x
a
M
@
I
C
)
A
(
f
T
)
z
H
M
(
n
i
M
@
I
C
)
A
m
(
C
9
2
P
I
T
N
P
N0
0
1
0
0
15
0
31
0
0
2
0
0
10
4
5
1
2
.
0
0
.
1
4
4
7
.
0
0
.
1
0
.
3
0
0
2
C
0
3
P
I
T
P
N
P0
0
1
0
0
15
0
31
0
0
2
0
0
10
4
5
1
2
.
0
0
.
1
4
4
7
.
0
0
.
1
0
.
3
0
0
2
C
1
3
P
I
T
N
P
N0
0
1
0
0
15
0
43
0
0
2
0
0
10
1
5
2
0
50
.
3
0
.
1
4
4
2
.
1
0
.
3
0
.
3
0
0
5
2
3
P
I
T
P
N
P0
4
0
45
0
43
0
0
2
0
40
1
5
2
0
50
.
3
0
.
1
4
4
2
.
1
0
.
3
0
.
3
0
0
5
C
2
3
P
I
T
P
N
P0
0
1
0
0
15
0
43
0
0
2
0
0
10
1
5
2
0
50
.
3
0
.
1
4
4
2
.
1
0
.
3
0
.
3
0
0
5
C
1
4
P
I
T
N
P
N0
0
1
0
0
15
5
66
0
0
4
0
0
15
1
0
3
5
70
.
3
3
.
0
4
4
5
.
1
0
.
6
0
.
3
0
0
5
C
2
4
P
I
T
P
N
P0
0
1
0
0
15
5
66
0
0
4
0
0
15
1
0
3
5
70
.
3
3
.
0
4
4
5
.
1
0
.
6
0
.
3
0
0
5
7
4
P
I
T
N
P
N0
5
3
0
5
25
0
41
0
0
0
1
0
5
30
3
0
1
0
5
13
.
0
0
.
1
0
1
0
1
0
.
1
0
.
1
0
.
0
1
0
0
2
9
4
P
I
T
N
P
N0
5
4
0
5
35
0
41
0
0
0
1
0
5
40
3
0
1
0
5
13
.
0
0
.
1
0
1
0
1
0
.
1
0
.
1
0
.
0
1
0
0
2
0
5
P
I
T
N
P
N0
0
5
0
0
45
0
41
0
0
0
1
0
0
50
3
0
1
0
5
13
.
0
0
.
1
0
1
0
1
0
.
1
0
.
1
0
.
0
1
0
0
2
2
0
1
P
I
T
N
P
N0
0
1
0
0
15
0
88
0
5 1
0
50
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
5
0
1
P
I
T
P
N
P0
6
0
65
0
8
8
0
5 1
0
30
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
6
0
1
P
I
T
P
N
P0
8
0
85
0
88
0
5 1
0
40
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
7
0
1
P
I
T
P
N
P0
0
1
0
0
15
0
88
0
5 1
0
50
0
0
1
0
0
2
0
0
0
0
20
.
3
0
.
8
4
4
0
.
2
5
.
2
0
.
3
0
.
8
0
1
1
P
I
T
N
P
N0
6
0
65
0
52
0
0
0
2
1
0
30
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
2
1
1
P
I
T
N
P
N0
0
1
0
0
15
0
52
0
0
0
2
1
0
50
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
5
1
1
P
I
T
P
N
P0
6
0
65
0
52
0
0
0
2
1
0
30
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
6
1
1
P
I
T
P
N
P0
8
0
85
0
52
0
0
0
2
1
0
40
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
7
1
1
P
I
T
P
N
P0
0
1
0
0
15
0
52
0
0
0
2
1
0
50
0
0
1
0
0
5
0
.
1
0
.
2
4
4
5
.
2
0
.
2
0
2
1
P
I
T
N
P
N0
6
0
65
5
65
0
0
5
1
0
30
0
0
1
0
0
0
1
5
.
0
0
.
3
3
3
0
.
2
0
.
4
0
.
3
0
.
5
1
2
1
P
I
T
N
P
N0
8
0
85
5
65
0
0
5
1
0
40
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
2
2
1
P
I
T
N
P
N0
0
1
0
0
15
5
65
0
0
5
1
0
50
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
5
2
1
P
I
T
P
N
P0
6
0
65
5
65
0
0
5
1
0
30
0
0
1
0
0
0
1
5
.
0
0
.
3
3
3
0
.
2
0
.
4
0
.
3
0
.
5
6
2
1
P
I
T
P
N
P0
8
0
85
5
65
0
0
5
1
0
40
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
7
2
1
P
I
T
P
N
P0
0
1
0
0
15
5
65
0
0
5
1
0
50
0
0
1
0
0
0
1
0
.
3
5
.
0
3
3
0
.
2
0
.
4
0
.
3
0
.
5
2
3
1
P
I
T
N
P
N0
0
1
0
0
15
0
78
0
0
2
2
0
0
10
0
0
5
0
.
1
40
.
2
0
.
4
RECTR
RECTR
RECTR
RECTR
RECTRON
ON
ON
ON
ON
1 I
CE0
2I
CBO
3V
CES
4I
CER
5f
T Typical Values



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com