Electronic Components Datasheet Search
  English  ▼

X  

2N5298 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 2N5298
Description  TO-220 - Power Transistors and Darlingtons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2N5298 Datasheet(HTML) 2 Page - Rectron Semiconductor

  2N5298 Datasheet HTML 1Page - Rectron Semiconductor 2N5298 Datasheet HTML 2Page - Rectron Semiconductor 2N5298 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
#
t
r
a
P
y
t
i
r
a
l
o
P
V
O
B
C
)
V
(
n
i
M
V
O
E
C
)
V
(
n
i
M
V
O
B
E
)
V
(
n
i
M
P
D
)
W
(
I
C
)
A
(
I
S
E
C
)
A
u
(
x
a
M
@ V
E
C
h
E
F
n
i
M
h
E
F
x
a
M
@
I
C
)
A
(
V
E
C
)
V
(
V
)
T
A
S
(
E
C
)
V
(
x
a
M
V
)
T
A
S
(
E
B
)
V
(
x
a
M
@
I
C
)
A
(
f
T
)
z
H
M
(
n
i
M
@
I
C
)
A
m
(
C
4
4
2
D
B
P
N
P0
0
1
0
0
15
5
68
0
0
4
0
0
10
3
5
1
3
.
0
0
.
3
4
4
5
.
1
0
.
6
0
.
3 5
0
0
5
1
1
9
D
B
N
P
N0
0
1
0
0
15
0
95
1
0
0
0
1
1
0
50
4
5
1
5
0
5
2
0
5
1
5
.
0
0
.
5
0
.
0
1
4
4
4
0
.
1
0
.
3
5
.
2
0
.
5
0
.
0
1
0
.
3
0
0
5
2
1
9
D
B
P
N
P0
0
1
0
0
15
0
95
1
0
0
0
1
1
0
50
4
5
1
5
0
5
2
0
5
1
5
.
0
.
5
0
.
0
1
4
4
4
0
.
1
0
.
3
5
.
2
0
.
5
0
.
0
1
0
.
3
0
0
5
7
0
4
U
B
N
P
N0
3
3
0
5
16
0
67
0
0
1
0
0
2
0
.
1
3
.
10
.
5
0
.
0
1
0
0
5
1
1
C
4
4
C
N
P
N0
9 3
0
85
0
34
0
1
0
90
0
1
0
2
0
2
22
.
0
0
.
2
1
1
5
.
0
0
.
1
0
.
0
5
5
0
2
8
C
4
4
C
N
P
N0
7 3
0
65
0
34
0
1
0
70
0
1
0
2
0
2
22
.
0
0
.
2
1
1
5
.
0
0
.
1
0
.
0
5
5
0
2
5
C
5
4
C
P
N
P5
5 3
5
45
0
34
0
1
0
50
4
0
2
0
2
12
.
0
0
.
1
1
1
5
.
0
3
.
10
.
1
0
.
0
4
5
0
2
8
C
5
4
C
P
N
P0
7 3
0
65
0
34
0
1
0
70
4
0
2
0
2
12
.
0
0
.
1
1
1
5
.
0
0
.
1
0
.
0
4
5
0
2
1
1
C
5
4
C
P
N
P0
9 3
0
85
0
34
0
1
0
90
4
0
2
0
2
12
.
0
0
.
1
1
1
5
.
0
3
.
10
.
1
0
.
0
4
0
2
5
0
0
3
1
D
C
N
P
N0
0
6
0
0
49
0
62
0
0
1
2
0
0
68
0
45
.
0
55
.
0
15
.
0
0
.
4
0
0
1
Y
4
1
6
A
S
C
P
N
P0
8
5
55
5
23
0
5 2
0
50
2
1
0
4
25
.
0
55
.
0
0
.
1
0
4
9
A
S
C
P
N
P0
5
1
0
5
15
5
25
.
1
0
1 2
0
2
10
4
0
4
15
.
0
0
15
.
1
5
.
0
0
.
4 5
0
0
5
8
6
9
A
S
C
P
N
P0
6
1
0
6
15
5
25
.
1
0
.
1 2
0
6
10
7
0
4
21
.
0
55
.
1
5
.
0
0
0
1
5
0
0
1
Y
2
1
0
1
A
S
C
P
N
P0
6
0
55
5
25
0
.
1 2
0
50
2
1
0
3
0
4
20
.
1
0
.
3
1
1
4
.
0
2
.
10
.
3
0
8 5
0
0
0
1
7
5
8
B
S
C
P
N
P0
7
0
55
0
44
0
.
1 2
0
50
6
5
3
0
2
30
.
1
1
.
0
4
4
0
.
1
0
.
2
0
.
5
1
5
0
0
5
E
0
7
3
1
B
S
C
P
N
P0
6
0
65
0
33
0
1 2
0
60
0
1
0
0
25
.
0
55
.
1
5
.
10
.
2
0
.
5
1
5
3
7
0
2
C
S
C
N
P
N0
5
1
0
5
15
5
25
.
1
0
1 2
0
2
10
4
0
4
15
.
0
0
15
.
1
5
.
0
0
.
4 5
0
0
5
3
3
2
2
C
S
C
N
P
N0
0
2
0
65
0
44
0
1 2
0
7
10
3
0
2
0
5
10
.
1
0
.
4
5
5
0
.
1
5
.
10
.
4
0
.
8 5
0
0
5
8
3
2
2
C
S
C
N
P
N0
6
1
0
6
15
5
25
.
1
0
.
1 2
0
6
10
7
0
4
21
.
0
55
.
1
5
.
0
0
0
1
5
0
0
1
S
5
5
2
3
C
S
C
N
P
N0
8
0
65
0
40
1
0
0
1
2
0
40
7
0
5
20
.
1
26
.
0
0
.
5
0
0
1
5
0
0
0
1
3
1
3
D
S
C
N
P
N0
6
0
65
0
33
0
0
1
0
20
4
0
4
0
2
3
1
.
0
0
.
1
2
2
0
.
1
0
.
2
0
.
8 5
0
0
5
O
8
8
D
S
C
N
P
N0
6
0
67
0
33
0
0
1
2
0
60
6
0
0
35
.
0
50
.
1
0
.
3
0
.
3 5
0
0
5
T
5
5
9
2
E
J
M
P
N
P0
7
0
65
5
70
1
0
0
7
1
0
30
2
5
0
0
10
.
4
0
.
0
1
4
4
1
.
1
0
.
8
0
.
4
0
.
0
1
0
.
2 5
0
0
5
T
5
5
0
3
E
J
M
N
P
N0
7
0
65
5
70
1
0
0
7
1
0
30
2
5
0
0
10
.
4
0
.
0
1
4
4
1
.
1
0
8
0
.
4
0
.
0
1
0
.
2
0
0
5
8
2
0
5
1
E
J
M
N
P
N0
2
1
0
2
15
0
58
0
0
1
1
0
2
10
4
0
4
0
4
0
2
1
.
0
0
.
2
0
.
3
0
.
4
2
2
2
2
5
.
0
0
.
1
0
.
0
3
0
0
5
9
2
0
5
1
E
J
M
P
N
P0
2
1
0
2
15
0
58
0
0
1
1
0
5
10
4
0
4
0
4
0
2
1
.
0
0
.
2
0
.
3
0
.
4
2
2
2
2
5
.
0
0
.
1
0
.
0
3
0
0
5
0
3
0
5
1
E
J
M
N
P
N0
5
1
0
5
15
0
58
0
0
1
1
0
2
10
4
0
4
0
4
0
2
1
.
0
0
.
2
0
.
3
0
.
4
2
2
2
2
5
.
0
0
.
1
0
.
0
3
0
0
5
1
3
0
5
1
E
J
M
P
N
P0
5
1
0
5
15
0
58
0
0
1
1
0
5
10
4
0
4
0
4
0
2
1
.
0
0
.
2
0
.
3
0
.
4
2
2
2
2
5
.
0
0
.
1
0
.
0
3
0
0
5
RECTR
RECTR
RECTR
RECTR
RECTRON
ON
ON
ON
ON
1 I
CE0
2I
CBO
3V
CES
4I
CER
5f
T Typical Values



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com