Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # MMBT4401
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT4401 Datasheet(HTML) 5 Page - Rectron Semiconductor

  MMBT4401 Datasheet HTML 1Page - Rectron Semiconductor MMBT4401 Datasheet HTML 2Page - Rectron Semiconductor MMBT4401 Datasheet HTML 3Page - Rectron Semiconductor MMBT4401 Datasheet HTML 4Page - Rectron Semiconductor MMBT4401 Datasheet HTML 5Page - Rectron Semiconductor MMBT4401 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT4401 )
Figure 13. DC Current Gain
Figure 14. Collector Saturation Region
Figure 15. "ON" Voltages
Figure 16. Temperature Coefficients
0.1
0.2
0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200 300
500
0.01
0.02 0.03
0.05 0.07 0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50
0.1 0..2 0.5 1.0 2.0 5.0 10 20 50 100 200 500
0.1 0..2 0.5 1.0 2.0 5.0 10 20 50 100 200 500
IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
10 mA
100 mA
500 mA
0.3
0.5
0.7
1.0
3.0
0.2
2.0
VCE = 1.0V
TJ = 125OC
TJ = 25OC
25OC
-55OC
VCE = 10V
0.4
0.6
0.8
1.0
0.2
0
-0.5
0
+0.5
-1.0
-1.5
-2.0
VBE(sat) @ IC/IB = 10
-2.5
IC = 1.0mA
TJ = 25OC
VBE @ VCE= 10V
VCE(sat) @ IC/IB = 10
QVC for VCE(sat)
QVB for VBE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com