Electronic Components Datasheet Search
  English  ▼

X  

MMBT5401 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMBT5401
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT5401 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMBT5401 Datasheet HTML 1Page - Rectron Semiconductor MMBT5401 Datasheet HTML 2Page - Rectron Semiconductor MMBT5401 Datasheet HTML 3Page - Rectron Semiconductor MMBT5401 Datasheet HTML 4Page - Rectron Semiconductor MMBT5401 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT5401 )
0.2 0.3 0.5 0.7
1.0
2.0 3.0
5.0 7.0 10
20
0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200
0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100 200
Figure 5.Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 7.Turn-On Time
Figure 8.Turn-Off Time
VR, REVERSE VOLTAGE (VOLTS)
Figure 6.Capacitances
0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50 100
2.5
100
Cibo
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
TJ = -55OCto 135OC
TJ =25OC
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
1000
100
200
300
500
700
10
20
30
50
70
tr @ VCC = 120V
tr @ VCC = 30V
td @ VBE(off) = 1.0 V
VCC= 120 V
2000
100
200
300
500
700
20
30
50
70
1000
tf @ VCC = 30 V
QVC for VCE(sat)
QVB for VBE(sat)
Cobo
TJ =25OC
IC/IB = 10
TJ =25OC
IC/IB = 10
tf @ VCC = 120V
ts @ VCC = 120V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com