Electronic Components Datasheet Search
  English  ▼

X  

MMBT5550 Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # MMBT5550
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBT5550 Datasheet(HTML) 4 Page - Rectron Semiconductor

  MMBT5550 Datasheet HTML 1Page - Rectron Semiconductor MMBT5550 Datasheet HTML 2Page - Rectron Semiconductor MMBT5550 Datasheet HTML 3Page - Rectron Semiconductor MMBT5550 Datasheet HTML 4Page - Rectron Semiconductor MMBT5550 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMBT5550 )
2.5
Figure5. Temperature Coefficients
2.0
1.5
1.0
0.5
0
0.5
1.0 2.0
5.0 10
20
50 100
0.1 0.2
0.5
3.0
30
0.3
VC for VCE(sat)
VB for VBE(sat)
-2.5
-2.0
-1.5
-1.0
IC,COLLECTOR CURRENT (mA)
100
1.0
0.2
0.5
1.0 2.0
5.0
10
20
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
Figure 6. Capacitances
TJ=25OC
Cibo
Cobo
1000
0.3
1 .0
10 20 30 50
0.5
0.2
10
20
30
50
100
200
300
500
2.0
100
200
3.0 5 .0
IC/IB=10
TJ=25OC
tr@VCC=120V
tr@VCC=30V
VCC=120V
IC, COLLECTOR CURRENT (mA)
5000
50
100
200
300
500
3000
2000
1000
0.3
1.0
10
2030 50
0.5
0.2
2.0
100
200
3.0 5.0
IC/
V =120V
CC
IB=10
TJ=25OC
tr@VCC=120V
td@VEF(off)=1.0V
Figure 7. Turn-On Time
Figure 8. Turn-Off Time
VR, REVERSE VOLAGE (VOLTS)
IC, COLLECTOR CURRENT (mA)
td @ VEB(off)=1.0V
TJ=-55OC to +135OC
tr@VCC=30V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com