Electronic Components Datasheet Search
  English  ▼

X  

MMBTA56 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMBTA56
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBTA56 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMBTA56 Datasheet HTML 1Page - Rectron Semiconductor MMBTA56 Datasheet HTML 2Page - Rectron Semiconductor MMBTA56 Datasheet HTML 3Page - Rectron Semiconductor MMBTA56 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
MECHANICAL DATA
Case: Molded plastic
*
Epoxy: UL 94V-O rate flame retardant
*
Lead: MIL-STD-202E method 208C guaranteed
*
Mounting position: Any
*
* Weight: 0.008 gram
SOT-23
MMBTA56
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Marking
Note: “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
2GM
Collector - Emitter Breakdown Voltage(IC= -1mA, IB=0)
SYMBOL
MAX
MIN
TYP
-80
-80
-4
-
-1.2
MHz
-
-0.1
100
50
V(BR)CBO
V(BR)CEO
VBE(on)
V(BR)EBO
UNITS
V
V
V
V
V
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
Dimensions in inches and (millimeters)
1
3
COLLECTOR
EMITTER
BASE
2
1
3
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0.047(1.20)
0.055(1.40)
0.110(2.80)
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.071(1.80)
0.019(2.00)
0.089(2.25)
0.100(2.55)
0.012(0.30)
0.020(0.50)
0.000(0.00)
0.004(0.10)
0.035(0.90)
0.043(1.10)
0.003(0.08)
0.006(0.15)
ICBO
hFE
Collector Cut - Off Current (VCB= -80V, IE=0)
DC Current Gain(VCE= -1V, IC= -100mA)
Collector - Emitter Saturation Voltage(IC= -100 mA, IB= -10mA)
Base - Emitter on Voltage(VCE=-1V,IC=-100mA)
Transition Frequency(VCE= -1V, IC= -100mA, f =100MHz)
CHARACTERISTICS
* Power dissipation
PCM :
0.225
W(Tamb=25OC)
* Collector current
ICM :
-0.5
A
* Collector-base voltage
VCBO :
-80
V
* Operating and storage junction temperature range
TJ,Tstg:
-55OC to +150OC
VCE(sat)
fT
-
-
-0.25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-0.1
Collector Cut - Off Current (VCE= -60V, IB=0)
ICEO
-
Collector - Base Breakdown Voltage (IC=-100 uA, IE =0)
Emitter - Base Breakdown Voltage (IE= -100 uA, IC = 0)


Similar Part No. - MMBTA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA56 ONSEMI-MMBTA56 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA56 TRSYS-MMBTA56 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA56 SAMSUNG-MMBTA56 Datasheet
28Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA56 FAIRCHILD-MMBTA56 Datasheet
648Kb / 15P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA56 DIODES-MMBTA56 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results

Similar Description - MMBTA56

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com